Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C196KB Datasheet(PDF) 20 Page - Intel Corporation

Part # M80C196KB
Description  16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C196KB Datasheet(HTML) 20 Page - Intel Corporation

Back Button M80C196KB Datasheet HTML 16Page - Intel Corporation M80C196KB Datasheet HTML 17Page - Intel Corporation M80C196KB Datasheet HTML 18Page - Intel Corporation M80C196KB Datasheet HTML 19Page - Intel Corporation M80C196KB Datasheet HTML 20Page - Intel Corporation M80C196KB Datasheet HTML 21Page - Intel Corporation M80C196KB Datasheet HTML 22Page - Intel Corporation M80C196KB Datasheet HTML 23Page - Intel Corporation M80C196KB Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
M80C196KB
IOC0 (15H)
271089 – 12
IOS1 (16H)
271089 – 13
IOC1 (16H)
271089 – 14
Port 2 Multiple Functions
Pin
Func
Alternative
Control
Function
Reg
20
Output
TXD (Serial Port
IOC15
Transmit)
21
Input
RXD (Serial Port
SPCON3
Receive)
23
Input
T2CLK (Timer2 Clock
IOC07
Baud)
24
Input
T2RST (Timer2 Reset)
IOC05
25
Output
PWM Output
IOC10
26
QBD
Timer2 up
IOC21
down select
27
QBD
Timer2 Capture
NA
QBD e Quasi-bidirectional
Baud Rate Calculations
Asynchronous Modes 1 2 and 3
Baud
Reg e
XTAL1
Baud Rate c 16
b
1OR
T2CLK
Baud Rate c 8
Synchronous Mode 0
Baud
Reg e
XTAL1
Baud Rate c 2
b
1OR
T2CLK
Baud Rate
Baud Rates and Baud Register Values
Baud
XTAL Frequency
Rate
80 MHz
100 MHz
120 MHz
300
1666 b002 2082
002
2499
000
1200
416
b
008
520
b
003
624
000
2400
207
016
259
016
312
b
016
4800
103
b
016
129
016
155
016
9600
51
b
016
64
016
77
016
192K
25
016
32
140
38
016
Baud Register Value% Error
A maximum baud rate of 750 Kbaud is available in
the asynchronous modes with 12 MHz on XTAL1
The synchronous mode has a maximum rate of 30
Mbaud with a 12 MHz clock Location 0EH is the
Baud Register It is loaded sequentially in two bytes
with the low byte being loaded first This register
may not be loaded with zero in serial port Mode 0
NOTE
The maximum T2CLK rate is 3 MHz when used to
set the baud rate
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com