Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C196KB Datasheet(PDF) 5 Page - Intel Corporation

Part # M80C196KB
Description  16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C196KB Datasheet(HTML) 5 Page - Intel Corporation

  M80C196KB Datasheet HTML 1Page - Intel Corporation M80C196KB Datasheet HTML 2Page - Intel Corporation M80C196KB Datasheet HTML 3Page - Intel Corporation M80C196KB Datasheet HTML 4Page - Intel Corporation M80C196KB Datasheet HTML 5Page - Intel Corporation M80C196KB Datasheet HTML 6Page - Intel Corporation M80C196KB Datasheet HTML 7Page - Intel Corporation M80C196KB Datasheet HTML 8Page - Intel Corporation M80C196KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
M80C196KB
PACKAGING
The M80C196KB is available in a ceramic pin grid array shown in Figure 2 and a leaded ceramic quad pack
shown in Figure 3 A comparison of the pinouts for both of these package types is shown in Tables 1a – 1c
271089 – 2
Figure 2 Pin Grid Array Pinout
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com