Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C196KB Datasheet(PDF) 17 Page - Intel Corporation

Part # M80C196KB
Description  16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C196KB Datasheet(HTML) 17 Page - Intel Corporation

Back Button M80C196KB Datasheet HTML 13Page - Intel Corporation M80C196KB Datasheet HTML 14Page - Intel Corporation M80C196KB Datasheet HTML 15Page - Intel Corporation M80C196KB Datasheet HTML 16Page - Intel Corporation M80C196KB Datasheet HTML 17Page - Intel Corporation M80C196KB Datasheet HTML 18Page - Intel Corporation M80C196KB Datasheet HTML 19Page - Intel Corporation M80C196KB Datasheet HTML 20Page - Intel Corporation M80C196KB Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
M80C196KB
SFR BIT SUMMARY
A summary of the SFRs which control IO functions has been included in this section The summary is
separated into a list of those SFRs which have changed on the M80C196KB and a list of those which have
remained almost the same
The following M80C196KB SFRs are different than those on the M8096BH
(The Read and Write comments indicate the register’s function in Window 0 unless otherwise specified)
SBUF(TX)
Now double buffered
07h
write
Uses new Baud Rate Values
BAUD RATE
0Eh
write
SP
STAT
76543210
RB8
RI
TI
FE
TXE
OE
X
X
RPE
11h
RPE
Receive Parity Error
read
RI
Receive Indicator
TI
Transmit Indicator
FE
Framing Error
TXE
Transmitter Empty
OE
Receive Overrun Error
IPEND1
76543210
IMASK1
NMI
FIFO EXT
T2
T2
HSI4
RI
TI
FULL INT
OVF CAP
12h13h
NMI
Non-Maskable Interrupt (set to 0 for future compatibility)
readwrite
FIFO FULL HSIO FIFO full
EXTINT
External Interrupt Pin
T2OVF
Timer2 Overflow
T2CAP
Timer2 Capture
HSI4
HSI has 4 or more entries in FIFO
RI
Receive Interrupt
TI
Transmit Interrupt
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com