Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C196KB Datasheet(PDF) 24 Page - Intel Corporation

Part # M80C196KB
Description  16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C196KB Datasheet(HTML) 24 Page - Intel Corporation

Back Button M80C196KB Datasheet HTML 20Page - Intel Corporation M80C196KB Datasheet HTML 21Page - Intel Corporation M80C196KB Datasheet HTML 22Page - Intel Corporation M80C196KB Datasheet HTML 23Page - Intel Corporation M80C196KB Datasheet HTML 24Page - Intel Corporation M80C196KB Datasheet HTML 25Page - Intel Corporation M80C196KB Datasheet HTML 26Page - Intel Corporation M80C196KB Datasheet HTML 27Page - Intel Corporation M80C196KB Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
M80C196KB
AC Characteristics (Over Specified Operating Conditions) (Continued)
Test Conditions Capacitive load on all pins e 100 pF Rise and fall times e 10 ns fOSC e 12 MHz
The M80C196KB will meet these specifications
Symbol
Description
Min
Max
Units
Notes
FXTAL
Frequency on XTAL1
M80C196KB
35
12
MHz
TOSC
IFXTAL
M80C196KB
83
286
ns
TXHCH
XTAL1 High to CLKOUT High or Low
20
110
ns
TCLCL
CLKOUT Cycle Time
2TOSC
ns
TCHCL
CLKOUT High Period
TOSC b 10
TOSCa10
ns
TCLLH
CLKOUT Falling Edge to ALE Rising
b
10
10
ns
TLLCH
ALE Falling Edge to CLKOUT Rising
b
15
15
ns
TLHLH
ALE Cycle Time
4TOSC
ns
TLHLL
ALE High Period
TOSC b 12
TOSCa12
ns
TAVLL
Address Setup to ALE Falling Edge
TOSC b 20
ns
TLLAX
Address Hold after ALE Falling Edge
TOSC b 40
ns
TLLRL
ALE Falling Edge to RD Falling Edge
TOSC b 40
ns
TRLCL
RD Low to CLKOUT Falling Edge
4
25
ns
TRLRH
RD Low Period
TOSCb5ns
TRHLH
RD Rising Edge to ALE Rising Edge
TOSC
TOSC a 25
ns
(Note 2)
TRLAZ
RD Low to Address Float
10
ns
TLLWL
ALE Falling Edge to WR Falling Edge
TOSC b 10
ns
TCLWL
CLKOUT Low to WR Falling Edge
0
25
ns
TQVWH
Data Stable to WR Rising Edge
M80C196KB
TOSC b 23
ns
TCHWH
CLKOUT High to WR Rising Edge
b
515
ns
TWLWH
WR Low Period
TOSC b 30
ns
TWHQX
Data Hold after WR Rising Edge
TOSC b 15
ns
TWHLH
WR Rising Edge to ALE Rising Edge
TOSC b 15
TOSC a 10
ns
(Note 2)
TWHBX
BHE INST HOLD after WR Rising Edge
TOSC b 15
ns
NOTE
2 Assuming back-to-back bus cycles
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com