Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C196KB Datasheet(PDF) 2 Page - Intel Corporation

Part # M80C196KB
Description  16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C196KB Datasheet(HTML) 2 Page - Intel Corporation

  M80C196KB Datasheet HTML 1Page - Intel Corporation M80C196KB Datasheet HTML 2Page - Intel Corporation M80C196KB Datasheet HTML 3Page - Intel Corporation M80C196KB Datasheet HTML 4Page - Intel Corporation M80C196KB Datasheet HTML 5Page - Intel Corporation M80C196KB Datasheet HTML 6Page - Intel Corporation M80C196KB Datasheet HTML 7Page - Intel Corporation M80C196KB Datasheet HTML 8Page - Intel Corporation M80C196KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
M80C196KB
ARCHITECTURE
The M80C196KB is a member of the MCS -96 family and as such has the same architecture and uses the
same instruction set as the M8096 Many new features have been added on the M80C196KB including
CPU FEATURES
Divide by 2 instead of divide by 3 clock for 15X performance
Faster instructions especially indexedindirect data operations
233 ms16 c 16 multiply with 12 MHz clock (was 625 ms) on the 8096
Faster interrupt response (almost twice as fast as 8096)
Powerdown and Idle Modes
6 new instructions including Compare Long and Block Move
8 new interrupt vectors6 new interrupt sources
PERIPHERAL FEATURES
SFR Window switching allows read-only registers to be written and vice-versa
Timer2 can count up or down by external selection
Timer2 has an independent capture register
HSO line events are stored in a register
HSO has CAM Lock and CAM Clear commands
New Baud Rate values are needed for serial port higher speeds possible in all modes
Double buffered serial port transmit register
Serial Port Receive Overrun and Framing Error Detection
PWM has a Divide-by-2 Prescaler
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com