Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C196KB Datasheet(PDF) 26 Page - Intel Corporation

Part # M80C196KB
Description  16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M80C196KB Datasheet(HTML) 26 Page - Intel Corporation

Back Button M80C196KB Datasheet HTML 22Page - Intel Corporation M80C196KB Datasheet HTML 23Page - Intel Corporation M80C196KB Datasheet HTML 24Page - Intel Corporation M80C196KB Datasheet HTML 25Page - Intel Corporation M80C196KB Datasheet HTML 26Page - Intel Corporation M80C196KB Datasheet HTML 27Page - Intel Corporation M80C196KB Datasheet HTML 28Page - Intel Corporation M80C196KB Datasheet HTML 29Page - Intel Corporation M80C196KB Datasheet HTML 30Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
M80C196KB
EXTERNAL CLOCK DRIVE
Symbol
Parameter
Min
Max
Units
1TXLXL
Oscillator Frequency
M80C196KB
35
120
MHz
TXLXL
Oscillator Period
M80C196KB
83
286
ns
TXHXX
High Time
32
ns
TXLXX
Low Time
32
ns
TXLXH
Rise Time
10
ns
TXHXL
Fall Time
10
ns
EXTERNAL CLOCK DRIVE WAVEFORMS
271089 – 19
AC TESTING INPUT OUTPUT WAVEFORMS
271089 – 20
AC Testing inputs are driven at 24V for a Logic ‘‘1’’ and 045V for
a Logic ‘‘0’’ Timing measurements are made at 20V for a Logic
‘‘1’’ and 08V for a Logic ‘‘0’’
FLOAT WAVEFORMS
271089 – 21
For Timing Purposes a Port Pin is no Longer Floating when a
100 mV change from Load Voltage Occurs and Begins to Float
when a 100 mV change from the Loaded VOH VOL Level occurs
IOL IOH e g15 mA
EXPLANATION OF AC SYMBOLS
Each symbol is two pairs of letters prefixed by ‘‘T’’ for time The characters in a pair indicate a signal and its
condition respectively Symbols represent the time between the two signalcondition points
Conditions
H - High
L - Low
V - Valid
X - No Longer Valid
Z - Floating
Signals
A - Address
B - BHE
C - CLKOUT
D - DATA
G - Buswidth
L - ALEADV
R- RD
W- WR WRH WRL
X - XTAL1
Y - READY
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com