Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C286 Datasheet (PDF) - Intel Corporation

M80C286 Datasheet PDF - Intel Corporation
Part # M80C286
Download  M80C286 Download
File Size   957.65 Kbytes
Page   60 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION

M80C286 Datasheet (PDF)

Go To PDF Page Download Datasheet
M80C286 Datasheet PDF - Intel Corporation

Part # M80C286
Download  M80C286 Click to download

File Size   957.65 Kbytes
Page   60 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION

M80C286 Datasheet (HTML) - Intel Corporation


M80C286 Product details

INTRODUCTION

The M80C286 is an advanced 16 bit CHMOS III microprocessor designed for multi-user and multi-tasking applications that require low power and high performance. The M80C286 is fully compatible with its predeces sor the HMOS M80286 and object-code compatible with the M8086 and M80386 family of products. In addition, the M80C286 has a power down mode which uses less power, making it ideal for mobile applications. The M80C286 has built-in memory protection that maintains a four level protection mechanism for task isolation, a hardware task switching facility and memory mangement capabilities that map 230 bytes (one gigabyte) of virtual address space per task (per user) into 224 bytes (16 megabytes) of physical memory.



■ High Speed CHMOS III Technology

■ Pin for Pin, Clock for Clock, and Functionally Compatible with the HMOS M80286

   (See M80286 Data Sheet, Order Ý271028-003)

■ Stop Clock Capability

   - Uses Less Power (see ICCS Specification)

■ 10 MHz Clock Rate

■ 68 Lead Pin Grid Array Package

■ 68 Lead Ceramic Quad Flatpack Package

   (See Packaging Spec., Order #231369)

■ Military Temperature Range: -55°C to +125°C (TC)



 




Similar Part No. - M80C286

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M80C287 INTEL-M80C287 Datasheet
372Kb / 29P
80-BIT CHMOS III NUMERIC PROCESSOR EXTENSION
More results


Similar Description - M80C286

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
logo
Intersil Corporation
80C286 INTERSIL-80C286 Datasheet
365Kb / 13P
High Performance Microprocessor with Memory Management and Protection
March 1997
80C286883 INTERSIL-80C286883 Datasheet
508Kb / 13P
High Performance Microprocessor with Memory Management and Protection
March 1997
logo
Intel Corporation
80C251SB16 INTEL-80C251SB16 Datasheet
428Kb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
logo
Intersil Corporation
80C286 INTERSIL-80C286_1 Datasheet
756Kb / 60P
High Performance Microprocessor with Memory Management and Protection
March 1997
80C286 INTERSIL-80C286_08 Datasheet
1Mb / 60P
High Performance Microprocessor with Memory Management and Protection
January 28, 2008
logo
Intel Corporation
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
logo
Renesas Technology Corp
80C286 RENESAS-80C286 Datasheet
2Mb / 65P
High Performance Microprocessor with Memory Management and Protection
logo
Advanced Micro Devices
80286 AMD-80286 Datasheet
3Mb / 62P
HIGH PERFORMANCE MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com