Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M80C287 Datasheet (PDF) - Intel Corporation

M80C287 Datasheet PDF - Intel Corporation
Part # M80C287
Download  M80C287 Download
File Size   372.04 Kbytes
Page   29 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 80-BIT CHMOS III NUMERIC PROCESSOR EXTENSION

M80C287 Datasheet (PDF)

Go To PDF Page Download Datasheet
M80C287 Datasheet PDF - Intel Corporation

Part # M80C287
Download  M80C287 Click to download

File Size   372.04 Kbytes
Page   29 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 80-BIT CHMOS III NUMERIC PROCESSOR EXTENSION

M80C287 Datasheet (HTML) - Intel Corporation


M80C287 Product details

80-BIT CHMOS III NUMERIC PROCESSOR EXTENSION

The Intel M80C287 is a high-performance numerics processor extension that extends the architecture of the M80C286 CPU with floating point, extended integer, and BCD data types. A computing system that includes the M80C287 fully conforms to the IEEE Floating Point Standard. Using a numerics oriented architecture, the M80C287 adds over seventy mnemonics to the instruction set of the M80C286 CPU, making a complete solution for high-performance numerics processing. The M80C287 is implemented with 1.5 micron, high-speed CHMOS III technology and packaged in a 40-pin CERDIP. The M80C287 is upward object-code compatible from the M80287 and M8087 numerics coprocessors. With proper socket design, either an M80287 or an M80C287 can use the same socket.

■ High Performance 80-Bit Internal Architecture
■ Implements ANSI/IEEE Standard 754-1985 for Binary Floating-Point Arithmetic
■ Implements Extended M387 Numerics Coprocessor Instruction Set
■ Two to Three Times M8087/M80287 Performance at Equivalent Clock Speed
■ Low Power Consumption
■ Upward Object-Code Compatible from M8087 and M80287
■ Interfaces with M80286 and M80C286 CPUs
■ Expands CPU’s Data Types to Include 32-, 64-, 80-Bit Floating Point, 32-, 64- Bit Integers and 18-Digit BCD Operands
■ Directly Extends CPU’s Instruction Set to Trigonometric, Logarithmic, Exponential, and Arithmetic Instructions for All Data Types
■ Full-Range Transcendental Operations for SINE, COSINE, TANGENT. ARCTANGENT and LOGARITHM
■ Built-In Exception Handling
■ Operates in Both Real and Protected Mode Systems
■ Eight 80-Bit Numeric Registers, Usable as Individually Addressable General Registers or as a Register Stack
■ Available in 40-pin CERDIP (See Packaging Outlines and Dimensions, order Ý231369)
■ Military Temperature Range: -55°C to +125°C (TC)




Similar Part No. - M80C287

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M80C286 INTEL-M80C286 Datasheet
957Kb / 60P
HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
More results


Similar Description - M80C287

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6451A NJRC-NJU6451A Datasheet
793Kb / 25P
80 OUTPUT BIT MAP LCD EXTENSION DRIVER
NJU6453A NJRC-NJU6453A Datasheet
797Kb / 25P
80 OUTPUT BIT MAP LCD EXTENSION DRIVER?
logo
Intel Corporation
80C196EA INTEL-80C196EA Datasheet
445Kb / 46P
CHMOS 16-BIT MICROCONTROLLER
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
CHMOS 16-BIT MICROCONTROLLER
87C196LA INTEL-87C196LA Datasheet
309Kb / 21P
CHMOS 16-BIT MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
CHMOS 16-BIT MICROCONTROLLER
M80287 INTEL-M80287 Datasheet
399Kb / 24P
80-BIT HMOS* NUMERIC PROCESSOR EXTENSION
UPI-452 INTEL-UPI-452 Datasheet
499Kb / 53P
CHMOS PROGRAMMABLE I/O PROCESSOR
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
CHMOS 16-Bit Microcontroller
AS87C196CB20F8 INTEL-AS87C196CB20F8 Datasheet
308Kb / 38P
16-Bit CHMOS Microcontrollers
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com