Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M87C196KC Datasheet (PDF) - Intel Corporation

M87C196KC Datasheet PDF - Intel Corporation
Part # M87C196KC
Download  M87C196KC Download
File Size   366.44 Kbytes
Page   23 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLERS WITH ON-CHIP EPROM

M87C196KC Datasheet (PDF)

Go To PDF Page Download Datasheet
M87C196KC Datasheet PDF - Intel Corporation

Part # M87C196KC
Download  M87C196KC Click to download

File Size   366.44 Kbytes
Page   23 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description 16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLERS WITH ON-CHIP EPROM

M87C196KC Datasheet (HTML) - Intel Corporation


M87C196KC Product details

16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLERS WITH ON-CHIP EPROM

The M87C196KC/KD 16-bit microcontroller is a high performance member of the MCSÉ-96 microcontroller family. The M87C196KC/KD is an enhanced M80C196KB device with on-chip RAM and EPROM. Intel’s CHMOS III-E process provides a high performance processor along with low power consumption.
Four high-speed capture inputs are provided to record times when events occur. Six high-speed outputs are available for pulse or waveform generation. The high-speed output can also generate four software timers or start an A/D conversion. Events can be based on the timer or up/down counter.

■ M87C196KC: 16 MHz Operation
■ M87C196KD: 16 and 20 MHz Operation
■ Register-to-Register Architecture
■ 28 Interrupt Sources/16 Vectors
■ Peripheral Transaction Server
■ 1.4 ms 16 x 16 Multiply (20 MHz)
■ 1.75 ms 16 x 16 Multiply (16 MHz)
■ 2.4 ms 32/16 Divide (20 MHz)
■ 3.0 ms 32/16 Divide (16 MHz)
■ Powerdown and Idle Modes
■ Five 8-Bit I/O Ports
■ 16-Bit Watchdog Timer
■ Available in 68-Lead PGA and 68-Lead Ceramic Quad Flatpack Packages
■ Dynamically Configurable 8-Bit or 16-Bit Buswidth
■ Full Duplex Serial Port
■ High Speed I/O Subsystem
■ 16-Bit Timer
■ 16-Bit Up/Down Counter with Capture
■ 3 Pulse-Width-Modulated Outputs
■ Four 16-Bit Software Timers
■ 8- or 10-Bit A/D Converter with Sample/Hold
■ HOLD/HLDA Bus Protocol
■ Product Grades
   — SE1 (QML): b55§C to a125§C
   — SE2 (QML): b40§C to a125§C
         (M87C196KD only)




Similar Part No. - M87C196KC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M87C MACOM-M87C Datasheet
462Kb / 3P
Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M87C MA-COM-M87C Datasheet
1Mb / 3P
Triple-Balanced Mixer
M87C MA-COM-M87C Datasheet
1Mb / 3P
Triple-Balanced Mixer
logo
STMicroelectronics
M87C257 STMICROELECTRONICS-M87C257 Datasheet
143Kb / 13P
ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
Jun-1996
M87C257 STMICROELECTRONICS-M87C257 Datasheet
164Kb / 22P
Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
23-May-2006
More results


Similar Description - M87C196KC

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
87C196JV INTEL-87C196JV Datasheet
311Kb / 38P
Advanced 16-Bit CHMOS Microcontrollers
87C196KC INTEL-87C196KC Datasheet
258Kb / 21P
16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196KD INTEL-87C196KD Datasheet
255Kb / 21P
16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
87C54 INTEL-87C54 Datasheet
290Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
8XC51FX INTEL-8XC51FX Datasheet
259Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
M87C51FB INTEL-M87C51FB Datasheet
229Kb / 15P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER WITH 16 KBYTES USER PROGRAMMABLE EPROM
logo
Microchip Technology
PIC17C75X MICROCHIP-PIC17C75X Datasheet
2Mb / 320P
High-Performance 8-Bit CMOS EPROM Microcontrollers
1997 - 1999
logo
Intel Corporation
AN87C196KDF8 INTEL-AN87C196KDF8 Datasheet
242Kb / 21P
16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
AS87C196CB20F8 INTEL-AS87C196CB20F8 Datasheet
308Kb / 38P
16-Bit CHMOS Microcontrollers
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com