Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT28C16A Datasheet (PDF) - ON Semiconductor

CAT28C16A Datasheet PDF - ON Semiconductor
Part # CAT28C16A
Download  CAT28C16A Download
File Size   137.58 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 16 kb CMOS Parallel EEPROM

CAT28C16A Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT28C16A Datasheet PDF - ON Semiconductor

Part # CAT28C16A
Download  CAT28C16A Click to download

File Size   137.58 Kbytes
Page   10 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 16 kb CMOS Parallel EEPROM

CAT28C16A Datasheet (HTML) - ON Semiconductor


CAT28C16A Product details

Description
The CAT28C16A is a fast, low power, 5V−only CMOS Parallel EEPROM organized as 2K x 8−bits. It requires a simple interface for in−system programming. On−chip address and data latches, self−timed write cycle with auto−clear and VCC power up/down write protection eliminate additional timing and protection hardware.

Features
• Fast Read Access Times: 90 ns, 120 ns, 200 ns
• Low Power CMOS Dissipation:
    – Active: 25 mA Max.
    – Standby: 100 A Max.
• Simple Write Operation:
    – On−chip Address and Data Latches
    – Self−timed Write Cycle with Auto−clear
• Fast Write Cycle Time: 10 ms Max
• End of Write Detection: DATA Polling
• Hardware Write Protection
• CMOS and TTL Compatible I/O
• 100,000 Program/Erase Cycles
• 100 Year Data Retention
• Commercial, Industrial and Automotive Temperature Ranges




Similar Part No. - CAT28C16A

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28C16A CATALYST-CAT28C16A Datasheet
54Kb / 8P
16K-Bit CMOS PARALLEL E2PROM
CAT28C16A CATALYST-CAT28C16A Datasheet
417Kb / 10P
16K-Bit CMOS PARALLEL EEPROM
logo
ON Semiconductor
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
118Kb / 10P
16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16AG-12T ONSEMI-CAT28C16AG-12T Datasheet
137Kb / 10P
16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
More results


Similar Description - CAT28C16A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C17A ONSEMI-CAT28C17A Datasheet
140Kb / 12P
16 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 4
CAT28LV64 ONSEMI-CAT28LV64 Datasheet
157Kb / 15P
64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV65 ONSEMI-CAT28LV65 Datasheet
159Kb / 15P
64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28C16ALI12 ONSEMI-CAT28C16ALI12 Datasheet
143Kb / 10P
16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT24C164WI-G ONSEMI-CAT24C164WI-G Datasheet
147Kb / 14P
16 kb CMOS Serial EEPROM, Cascadable
October, 2009 ??Rev. 2
CAT28C16AXI90 ONSEMI-CAT28C16AXI90 Datasheet
118Kb / 10P
16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28LV64T13I-15 ONSEMI-CAT28LV64T13I-15 Datasheet
144Kb / 15P
64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
LE2416RDXA ONSEMI-LE2416RDXA Datasheet
343Kb / 17P
16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com