Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P8042AH Datasheet (PDF) - Intel Corporation

P8042AH Datasheet PDF - Intel Corporation
Part # P8042AH
Download  P8042AH Download
File Size   273.0 Kbytes
Page   20 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER

P8042AH Datasheet (PDF)

Go To PDF Page Download Datasheet
P8042AH Datasheet PDF - Intel Corporation

Part # P8042AH
Download  P8042AH Click to download

File Size   273.0 Kbytes
Page   20 Pages
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation
Description UNIVERSAL PERIPHERAL INTERFACE 8-BIT SLAVE MICROCONTROLLER

P8042AH Datasheet (HTML) - Intel Corporation


P8042AH Product details

The Intel UPI-41AH and UPI-42AH are general-purpose Universal Peripheral Interfaces that allow the designer to develop customized solutions for peripheral device control.
They are essentially ``slave microcontrollers, or microcontrollers with a slave interface included on the chip. Interface registers are included to enable the UPI device to function as a slave peripheral controller in the MCS Modules and iAPX family, as well as other 8-, 16-, and 32-bit systems.

* UPI-41: 6 MHz; UPI-42: 12.5 MHz
* Pin, Software and Architecturally Compatible with all UPI-41 and UPI-42 Products
* 8-Bit CPU plus ROM/OTP EPROM, RAM I/O, Timer/Counter and Clock in a
Single Package
* 2048 x 8 ROM/OTP, 256 x 8 RAM on UPI-42, 1024 x 8 ROM/OTP, 128 x 8 RAM on UPI-41, 8-Bit Timer/Counter, 18 Programmable I/O Pins
* One 8-Bit Status and Two Data Registers for Asynchronous Slave-to
Master Interface
* DMA, Interrupt, or Polled Operation Supported




Similar Part No. - P8042AH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P8042 INTEL-P8042 Datasheet
345Kb / 25P
UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
More results


Similar Description - P8042AH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
8-bit microcontroller with I2C-bus interface
1996 Nov 25
logo
Intel Corporation
UPI-C42 INTEL-UPI-C42 Datasheet
345Kb / 25P
UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
80C152JA INTEL-80C152JA Datasheet
262Kb / 17P
UNIVERSAL COMMUNICATION CONTROLLER 8-BIT MICROCONTROLLER
logo
Digital Core Design
DSPI DCD-DSPI Datasheet
94Kb / 6P
Serial Peripheral Interface - Master/Slave
DSPI-FIFO DCD-DSPI-FIFO Datasheet
95Kb / 6P
Serial Peripheral Interface Master/Slave with FIFO
DSPIS DCD-DSPIS Datasheet
139Kb / 5P
Serial Peripheral Interface - Slave
logo
TEMIC Semiconductors
TSC8051I2 TEMIC-TSC8051I2 Datasheet
469Kb / 2P
8-bit Microcontroller withI2C Interface
logo
Renesas Technology Corp
R1EX25512ASA00I RENESAS-R1EX25512ASA00I Datasheet
1Mb / 22P
Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
logo
Intel Corporation
EG87C42 INTEL-EG87C42 Datasheet
295Kb / 25P
UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
logo
Renesas Technology Corp
R1EX25512ASA00A RENESAS-R1EX25512ASA00A_15 Datasheet
1Mb / 22P
Serial Peripheral Interface 512K EEPROM (64-Kword 횞 8-bit)
More results




About Intel Corporation


Intel Corporation is an American multinational corporation and technology company headquartered in Santa Clara, California.
It is one of the world's largest and highest valued semiconductor chip makers, based on revenue.
Intel is best known for its development of microprocessors, the central processing units (CPUs) of computers.
Founded in 1968, Intel has been a leader in the computer hardware industry for over five decades.
In addition to microprocessors, the company offers a wide range of products and technologies, including data center and network equipment, solid-state drives, internet of things (IoT) devices, and more.
Intel is also a leading player in the development of 5G networks and autonomous vehicles.
With a focus on innovation and technology leadership, Intel continues to play a significant role in shaping the future of computing and technology.
The company invests heavily in research and development and has been awarded over 17,000 patents for its innovations.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com