Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6977 Datasheet (PDF) - Intersil Corporation

2N6977 Datasheet PDF - Intersil Corporation
Part # 2N6977
Download  2N6977 Download
File Size   40.54 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5A, 400V and 500V N-Channel IGBTs

2N6977 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6977 Datasheet PDF - Intersil Corporation

Part # 2N6977
Download  2N6977 Click to download

File Size   40.54 Kbytes
Page   4 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5A, 400V and 500V N-Channel IGBTs

2N6977 Datasheet (HTML) - Intersil Corporation


2N6977 Product details

Description

The 2N6975, 2N6976, 2N6977 and the 2N6978 are n-channel enhancement-mode insulated gate bipolar transistors (IGBTs) designed for high-voltage, low on-dissipation applications such as switching regulators and motor drivers. These types can be operated directly from low-power integrated circuits.



Features

• 5A, 400V and 500V

• VCE(ON) 2V

• TFI 1µs, 0.5µs

• Low On-State Voltage

• Fast Switching Speeds

• High Input Impedance




Similar Part No. - 2N6977

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N697 MICROSEMI-2N697 Datasheet
63Kb / 3P
NPN MEDIUM POWER SILICON SWITCHING TRANSISTOR
logo
Seme LAB
2N697 SEME-LAB-2N697 Datasheet
16Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
2N697 NJSEMI-2N697 Datasheet
123Kb / 1P
SILICON
logo
Continental Device Indi...
2N697 CDIL-2N697 Datasheet
200Kb / 3P
NPN SILICON EPITAXIAL TRANSISTOR
logo
American Microsemicondu...
2N697 AMMSEMI-2N697 Datasheet
439Kb / 1P
Amplifiers & Switches
More results


Similar Description - 2N6977

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTD10N40F1 INTERSIL-HGTD10N40F1 Datasheet
33Kb / 4P
10A, 400V and 500V N-Channel IGBTs
March 1997
HGTD6N40E1 INTERSIL-HGTD6N40E1 Datasheet
32Kb / 4P
6A, 400V and 500V N-Channel IGBTs
March 1997
HGTH20N40C1D INTERSIL-HGTH20N40C1D Datasheet
35Kb / 6P
20A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTP10N40C1 INTERSIL-HGTP10N40C1 Datasheet
38Kb / 7P
10A, 12A, 400V and 500V N-Channel IGBTs
April 1995
HGTP10N40C1D INTERSIL-HGTP10N40C1D Datasheet
37Kb / 6P
10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTP10N40F1D INTERSIL-HGTP10N40F1D Datasheet
34Kb / 5P
10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTP15N40C1 INTERSIL-HGTP15N40C1 Datasheet
35Kb / 5P
15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
logo
Alpha & Omega Semicondu...
AOT5N50 AOSMD-AOT5N50 Datasheet
147Kb / 6P
500V, 5A N-Channel MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com