Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HGTP10N40C1 Datasheet (PDF) - Intersil Corporation

HGTP10N40C1 Datasheet PDF - Intersil Corporation
Part # HGTP10N40C1
Download  HGTP10N40C1 Download
File Size   38.89 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10A, 12A, 400V and 500V N-Channel IGBTs

HGTP10N40C1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HGTP10N40C1 Datasheet PDF - Intersil Corporation

Part # HGTP10N40C1
Download  HGTP10N40C1 Click to download

File Size   38.89 Kbytes
Page   7 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10A, 12A, 400V and 500V N-Channel IGBTs

HGTP10N40C1 Datasheet (HTML) - Intersil Corporation


HGTP10N40C1 Product details

Description
The HGTH12N40C1, HGTH12N40E1, HGTH12N50C1, HGTH12N50E1, HGTP10N40C1, HGTP10N40E1, HGTP10N50C1 and HGTP10N50E1 are n-channel enhancement-mode insulated gate bipolar transistors (IGBTs) designed for high-voltage, low on-dissipation applications such as switching regulators and motor drivers. These types can be operated directly from low-power integrated circuits.

Features
• 10A and 12A, 400V and 500V
• VCE(ON): 2.5V Max.
• TFI: 1µs, 0.5µs
• Low On-State Voltage
• Fast Switching Speeds
• High Input Impedance
• No Anti-Parallel Diode

Applications
• Power Supplies
• Motor Drives
• Protection Circuits




Similar Part No. - HGTP10N40C1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HGTP10N40C1D INTERSIL-HGTP10N40C1D Datasheet
37Kb / 6P
10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
More results


Similar Description - HGTP10N40C1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
2N6975 INTERSIL-2N6975 Datasheet
40Kb / 4P
5A, 400V and 500V N-Channel IGBTs
April 1995
HGTD10N40F1 INTERSIL-HGTD10N40F1 Datasheet
33Kb / 4P
10A, 400V and 500V N-Channel IGBTs
March 1997
HGTD6N40E1 INTERSIL-HGTD6N40E1 Datasheet
32Kb / 4P
6A, 400V and 500V N-Channel IGBTs
March 1997
HGTH20N40C1D INTERSIL-HGTH20N40C1D Datasheet
35Kb / 6P
20A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTP10N40C1D INTERSIL-HGTP10N40C1D Datasheet
37Kb / 6P
10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTP10N40F1D INTERSIL-HGTP10N40F1D Datasheet
34Kb / 5P
10A, 400V and 500V N-Channel IGBTs with Anti-Parallel Ultrafast Diodes
April 1995
HGTP15N40C1 INTERSIL-HGTP15N40C1 Datasheet
35Kb / 5P
15A, 20A, 400V and 500V N-Channel IGBTs
April 1995
logo
Alpha & Omega Semicondu...
AOT12N50 AOSMD-AOT12N50 Datasheet
180Kb / 6P
500V, 12A N-Channel MOSFET
AOB12N50 AOSMD-AOB12N50 Datasheet
262Kb / 6P
500V, 12A N-Channel MOSFET
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com