Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C89 Datasheet (PDF) - Intersil Corporation

82C89 Datasheet PDF - Intersil Corporation
Part # 82C89
Download  82C89 Download
File Size   123.47 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Bus Arbiter

82C89 Datasheet (PDF)

Go To PDF Page Download Datasheet
82C89 Datasheet PDF - Intersil Corporation

Part # 82C89
Download  82C89 Click to download

File Size   123.47 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Bus Arbiter

82C89 Datasheet (HTML) - Intersil Corporation


82C89 Product details

Description

The Intersil 82C89 Bus Arbiter is manufactured using a self aligned silicon gate CMOS process (Scaled SAJI IV). This circuit, along with the 82C88 bus controller, provides full bus arbitration and control for multi-processor systems. The 82C89 is typically used in medium to large 80C86 or 80C88 systems where access to the bus by several processors must be coordinated. The 82C89 also provides high output current and capacitive drive to eliminate the need for additional bus buffering.

Static CMOS circuit design insures low operating power. The advanced Intersil SAJI CMOS process results in performance equal to or greater than existing equivalent products at a significant power savings.



Features

• Pin Compatible with Bipolar 8289

• Performance Compatible with:

   - 80C86/80C88 . . . . . . . . . . . . . . . . . . . . . . . . . .(5/8MHz)

• Provides Multi-Master System Bus Control and Arbitration

• Provides Simple Interface with 82C88/8288 Bus Controller

• Synchronizes 80C86/8086, 80C88/8088 Processors with Multi-Master Bus

• Bipolar Drive Capability

• Four Operating Modes for Flexible System Configuration

• Low Power Operation

   - ICCSB . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10µA (Max)

   - ICCOP . . . . . . . . . . . . . . . . . . . . . . . . .1mA/MHz (Max)

• Operating Temperature Ranges

   - C82C89 . . . . . . . . . . . . . . . . . . . . . . . . . .0°C to +70°C

   - I82C89 . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C

   - M82C89 . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C



 




Similar Part No. - 82C89

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C89 INTERSIL-82C89 Datasheet
317Kb / 13P
CMOS Bus Arbiter
February 27, 2006
logo
Renesas Technology Corp
82C89 RENESAS-82C89 Datasheet
660Kb / 14P
CMOS Bus Arbiter
logo
Intersil Corporation
82C89 INTERSIL-82C89_06 Datasheet
317Kb / 13P
CMOS Bus Arbiter
February 27, 2006
More results


Similar Description - 82C89

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F786 PHILIPS-74F786 Datasheet
95Kb / 12P
4-bit asynchronous bus arbiter
1991 Feb 14
logo
Siemens Semiconductor G...
SAB82289 SIEMENS-SAB82289 Datasheet
949Kb / 34P
Bus Arbiter for SAB80286 Processors
logo
List of Unclassifed Man...
EP300 ETC-EP300 Datasheet
135Kb / 2P
EP300 PowerPC Bus Arbiter
logo
Intersil Corporation
82C89 INTERSIL-82C89_06 Datasheet
317Kb / 13P
CMOS Bus Arbiter
February 27, 2006
logo
Analog Microelectronics
AT123S AME-AT123S Datasheet
41Kb / 5P
PCI Arbiter
logo
Actel Corporation
A54SX16-2 ACTEL-A54SX16-2 Datasheet
75Kb / 4P
PCI Arbiter Core
EP300 ACTEL-EP300 Datasheet
74Kb / 2P
EP300 PowerPC Bus Arbiter
logo
Xilinx, Inc
DS495 XILINX-DS495 Datasheet
625Kb / 12P
PCI Arbiter
logo
Renesas Technology Corp
82C88 RENESAS-82C88 Datasheet
612Kb / 12P
CMOS Bus Controller
82C89 RENESAS-82C89 Datasheet
660Kb / 14P
CMOS Bus Arbiter
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com