Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS08K Datasheet (PDF) - Intersil Corporation

ACS08K Datasheet PDF - Intersil Corporation
Part # ACS08K
Download  ACS08K Download
File Size   48.35 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad 2-Input AND Gate

ACS08K Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS08K Datasheet PDF - Intersil Corporation

Part # ACS08K
Download  ACS08K Click to download

File Size   48.35 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad 2-Input AND Gate

ACS08K Datasheet (HTML) - Intersil Corporation


ACS08K Product details

Description
The Radiation Hardened ACS08MS is a Quad 2-Input AND Gate. For each gate, a HIGH level on both the A and B nputs results in a HIGH level on the Y output. A LOW level on either the A or B input results in a LOW level on the Y output. All inputs are buffered and the outputs are designed or balanced propagation delay and transition times.

Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25Micron Radiation Hardened SOS CMOS
• Radiation Environment
    - Latch-up Free Under any Conditions
    - Total Dose . . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
    - SEU Immunity . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day
    - SEU LET Threshold . . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels . . .VIL = (0.3)(VCC), VIH = (0.7)(VCC)
• Output Current . . . . . . . . . . . . . . . . . . . . . . . ±8mA (Min)
• Quiescent Supply Current. . . . . . . . . . . . . 100µA (Max)
• Propagation Delay . . . . . . . . . . . . . . . . . . . . .15ns (Max)

Applications
• High Speed Control Circuits
• Sensor Monitoring
• Low Power Designs




Similar Part No. - ACS08K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ACS08K/SAMPLE RENESAS-ACS08K/SAMPLE Datasheet
228Kb / 2P
Radiation Hardened Quad 2-Input AND Gate
July 1998
More results


Similar Description - ACS08K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS00MS INTERSIL-ACTS00MS Datasheet
85Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
April 1995
ACTS08MS INTERSIL-ACTS08MS Datasheet
77Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
April 1995
HCS02MS INTERSIL-HCS02MS Datasheet
144Kb / 8P
Radiation Hardened Quad 2-Input NOR Gate
August 1995
HCS08MS INTERSIL-HCS08MS Datasheet
126Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
August 1995
HCTS08MS INTERSIL-HCTS08MS Datasheet
159Kb / 10P
Radiation Hardened Quad 2-Input AND Gate
August 1995
logo
Texas Instruments
SN54AC00-SP TI1-SN54AC00-SP_16 Datasheet
103Kb / 8P
Radiation Hardened Quad 2 Input NAND Gate
logo
Renesas Technology Corp
ACS08MS RENESAS-ACS08MS Datasheet
228Kb / 2P
Radiation Hardened Quad 2-Input AND Gate
July 1998
HCS00MS RENESAS-HCS00MS Datasheet
363Kb / 8P
Radiation Hardened Quad 2-Input NAND Gate
August 1995
HCS08MS RENESAS-HCS08MS Datasheet
488Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
August 1995
HCTS08MS RENESAS-HCTS08MS Datasheet
369Kb / 8P
Radiation Hardened Quad 2-Input AND Gate
August 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com