Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS151D Datasheet (PDF) - Intersil Corporation

ACS151D Datasheet PDF - Intersil Corporation
Part # ACS151D
Download  ACS151D Download
File Size   48.44 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 8-Input Multiplexer

ACS151D Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS151D Datasheet PDF - Intersil Corporation

Part # ACS151D
Download  ACS151D Click to download

File Size   48.44 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened 8-Input Multiplexer

ACS151D Datasheet (HTML) - Intersil Corporation


ACS151D Product details

Description
The Radiation Hardened ACS151MS is an 8-Channel Multiplexer having three binary control inputs and an active low enable input. The three binary input signals select the input from 1 of 8 channels.

Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25Micron Radiation Hardened SOS CMOS
• Radiation Environment
    - Latch-up Free Under any Conditions
    - Total Dose . . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
    - SEU Immunity . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day
    - SEU LET Threshold . . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels . . .VIL = (0.3)(VCC), VIH = (0.7)(VCC)
• Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±8mA
• Quiescent Supply Current. . . . . . . . . . . . . . . . . . .400µA
• Propagation Delay
    - Enable to Output . . . . . . . . . . . . . . . . . . . . . . . . . 12ns
    - Input or Address to Output . . . . . . . . . . . . . . . . . 20ns

Applications
• Sensor Input Selection
• Data Routing
• High Frequency Switching




Similar Part No. - ACS151D

ManufacturerPart #DatasheetDescription
logo
ABB
ACS150 ABB-ACS150 Datasheet
13Mb / 16P
G et the best out of your basic applications. ACS150 drives.
ACS150 ABB-ACS150 Datasheet
291Kb / 12P
ABB micro drives ACS150 0.37 to 4 kW/0.5 to 5 hp Catalog
24.10.2012
ACS150-01E-06A7-2 ABB-ACS150-01E-06A7-2 Datasheet
291Kb / 12P
ABB micro drives ACS150 0.37 to 4 kW/0.5 to 5 hp Catalog
24.10.2012
ACS150-01X-02A4-2 ABB-ACS150-01X-02A4-2 Datasheet
13Mb / 16P
G et the best out of your basic applications. ACS150 drives.
ACS150-01X-02A4-2 ABB-ACS150-01X-02A4-2 Datasheet
291Kb / 12P
ABB micro drives ACS150 0.37 to 4 kW/0.5 to 5 hp Catalog
24.10.2012
More results


Similar Description - ACS151D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS157MS INTERSIL-ACS157MS Datasheet
48Kb / 2P
Radiation Hardened Quad 2-Input Non-Inverting Multiplexer
December 1997
ACS30MS INTERSIL-ACS30MS Datasheet
38Kb / 2P
Radiation Hardened 8-Input NAND Gate
July 1999
HCS151MS INTERSIL-HCS151MS Datasheet
175Kb / 9P
Radiation Hardened 8-Input Multiplexer
September 1995
HCS253MS INTERSIL-HCS253MS Datasheet
178Kb / 10P
Radiation Hardened Dual 4-Input Multiplexer
September 1995
HCTS153MS INTERSIL-HCTS153MS Datasheet
138Kb / 10P
Radiation Hardened Dual 4-Input Multiplexer
September 1995
HCTS30MS INTERSIL-HCTS30MS Datasheet
134Kb / 10P
Radiation Hardened 8-Input NAND Gate
August 1995
HS-82C12RH INTERSIL-HS-82C12RH_00 Datasheet
67Kb / 6P
Radiation Hardened 8-Bit Input/Output Port
August 2000
logo
Renesas Technology Corp
HCS151MS RENESAS-HCS151MS Datasheet
419Kb / 9P
Radiation Hardened 8-Input Multiplexer
September 1995
HCTS153MS RENESAS-HCTS153MS Datasheet
406Kb / 9P
Radiation Hardened Dual 4-Input Multiplexer
September 1995
HCTS30MS RENESAS-HCTS30MS Datasheet
391Kb / 9P
Radiation Hardened 8-Input NAND Gate
August 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com