Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS150 Datasheet (PDF) - ABB

ACS150 Datasheet PDF - ABB
Part # ACS150
Download  ACS150 Download
File Size   291.33 Kbytes
Page   12 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description ABB micro drives ACS150 0.37 to 4 kW/0.5 to 5 hp Catalog

ACS150 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS150 Datasheet PDF - ABB

Part # ACS150
Download  ACS150 Click to download

File Size   291.33 Kbytes
Page   12 Pages
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB
Description ABB micro drives ACS150 0.37 to 4 kW/0.5 to 5 hp Catalog

ACS150 Datasheet (HTML) - ABB


ACS150 Product details

Feature Advantage Benefit
Worldwide availability and service Drives are available worldwide and permanently stocked in four
regions.
Dedicated global service and support network that is one of the
widest in the industry.
Fast and reliable delivery with dedicated
support to any country in the world.
User-friendly LCD control panel and
integrated potentiometer
Clear alphanumeric display. Easy setup and use. Time savings due to quick setup and simple
configuration.
Flexible mounting alternatives Screw or DIN rail mounting, sideways or side-by-side. One drive type can be used in various
designs, saving installation costs and time.
Integrated EMC filter High electromagnetic compatibility. Low EMC emissions in selected environments.
Built-in brake chopper as standard No need for an external brake chopper. Space savings, reduced installation cost.
FlashDrop tool Faster and easier drive setup and commissioning for volume
manufacturing and maintenance. The FlashDrop tool enables
both downloading and uploading drive parameters.
Fast, safe and trouble-free parameter setting
without the need to power-up the drive.
Patented.
PID control Varies the drive’s performance according to the need of the
application.
Enhances production output, stability and
accuracy.
Coated boards Board coating protects the electronics from hazards including
static discharge and airborne contaminates, including moisture.
Reduces maintenance due to good protection
of electronics components.




Similar Part No. - ACS150

ManufacturerPart #DatasheetDescription
logo
ABB
ACS150 ABB-ACS150 Datasheet
13Mb / 16P
G et the best out of your basic applications. ACS150 drives.
ACS150-01X-02A4-2 ABB-ACS150-01X-02A4-2 Datasheet
13Mb / 16P
G et the best out of your basic applications. ACS150 drives.
ACS150-01X-04A7-2 ABB-ACS150-01X-04A7-2 Datasheet
13Mb / 16P
G et the best out of your basic applications. ACS150 drives.
ACS150-01X-06A7-2 ABB-ACS150-01X-06A7-2 Datasheet
13Mb / 16P
G et the best out of your basic applications. ACS150 drives.
ACS150-01X-07A5-2 ABB-ACS150-01X-07A5-2 Datasheet
13Mb / 16P
G et the best out of your basic applications. ACS150 drives.
More results


Similar Description - ACS150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT3054A IRF-IRPT3054A Datasheet
227Kb / 12P
Power Module for 5 hp Motor Drives
logo
Micronetics, Inc.
ES0313-10 MICRONETICS-ES0313-10 Datasheet
159Kb / 2P
High Power Switch 0.5 GHz to 4 GHz
ES0313-50 MICRONETICS-ES0313-50 Datasheet
160Kb / 2P
High Power Switch 0.5 GHz to 4 GHz
logo
Aavid, Thermal Division...
5005-09NG AAVID-5005-09NG Datasheet
8Mb / 116P
How to Use This Catalog
logo
List of Unclassifed Man...
HE8 ETC2-HE8 Datasheet
263Kb / 2P
Compared to 6TB air drives
logo
Vishay Siliconix
WSL18HP VISHAY-WSL18HP Datasheet
119Kb / 4P
Very low inductance 0.5 nH to 5 nH
10-Aug-16
logo
Mini-Circuits
K1-TCM MINI-K1-TCM Datasheet
316Kb / 1P
0.5 to 2500MHz
logo
PHOENIX CONTACT
3208692 PHOENIX-3208692 Datasheet
50Kb / 3P
FC 4-PCB/10/ABB
logo
ABB
ACS150 ABB-ACS150 Datasheet
13Mb / 16P
G et the best out of your basic applications. ACS150 drives.
ACS355 ABB-ACS355 Datasheet
109Kb / 2P
ABB machinery drives ABB machinery drives
More results




About ABB


ABB is a multinational corporation headquartered in Zurich, Switzerland. ABB is a technology leader in electrification products, robotics and motion, industrial automation, and power grids, serving customers in utilities, industry, and transport & infrastructure globally.

ABB has a wide range of products and services, including power and automation technologies, which help customers to improve energy efficiency, productivity, and safety. ABB's products include transformers, switchgear, motors, drives, robotics, and various other automation products. The company also provides services such as maintenance, retrofits, and digital solutions to help customers optimize their operations.

ABB has a presence in more than 100 countries, with over 100,000 employees worldwide. The company was founded in 1988 through the merger of ASEA AB and BBC Brown Boveri AG.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com