Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WSL18HP Datasheet (PDF) - Vishay Siliconix

WSL18HP Datasheet PDF - Vishay Siliconix
Part # WSL18HP
Download  WSL18HP Download
File Size   119.34 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Very low inductance 0.5 nH to 5 nH

WSL18HP Datasheet (PDF)

Go To PDF Page Download Datasheet
WSL18HP Datasheet PDF - Vishay Siliconix

Part # WSL18HP
Download  WSL18HP Click to download

File Size   119.34 Kbytes
Page   4 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Very low inductance 0.5 nH to 5 nH

WSL18HP Datasheet (HTML) - Vishay Siliconix




Similar Part No. - WSL18HP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL18 VISHAY-WSL18 Datasheet
120Kb / 3P
Power Metal Strip® Resistors, High Power (2 x Standard WSL), Low Value (down to 0.001 Ω), Surface Mount
10-Nov-08
More results


Similar Description - WSL18HP

ManufacturerPart #DatasheetDescription
logo
EPCOS
SIMID EPCOS-SIMID Datasheet
125Kb / 8P
Size 0603 (EIA) and/or 1608 (IEC) Rated inductance 1 nH to 220 nH Rated current 110 mA to 1800 mA
logo
Bourns Electronic Solut...
CRA2512-FZ-R020ELF BOURNS-CRA2512-FZ-R020ELF Datasheet
250Kb / 2P
High Power Current Sense Chip Resistor Inductance less than 5 nH
logo
Cooper Bussmann, Inc.
SD00-D COOPER-SD00-D Datasheet
421Kb / 8P
NH bases
logo
Cree, Inc
CAS325M12HM2 CREE-CAS325M12HM2 Datasheet
1Mb / 7P
Ultra Low Loss, Low (5 nH) Inductance
logo
Kemet Corporation
L0603CR39JRMST KEMET-L0603CR39JRMST Datasheet
51Kb / 1P
RF, L-RMS, 390 nH, 5%
L0603CR12JRMST KEMET-L0603CR12JRMST Datasheet
51Kb / 1P
RF, L-RMS, 120 nH, 5%
L0603CR18JRMST KEMET-L0603CR18JRMST Datasheet
51Kb / 1P
RF, L-RMS, 180 nH, 5%
L0402C15NJRMST KEMET-L0402C15NJRMST Datasheet
53Kb / 1P
KEMET, L-RMS, RF, 15 nH, 5%
L0402C22NJRMST KEMET-L0402C22NJRMST Datasheet
53Kb / 1P
KEMET, L-RMS, RF, 22 nH, 5%
L0402C68NJRMST KEMET-L0402C68NJRMST Datasheet
53Kb / 1P
KEMET, L-RMS, RF, 68 nH, 5%
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com