Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAS325M12HM2 Datasheet (PDF) - Cree, Inc

CAS325M12HM2 Datasheet PDF - Cree, Inc
Part # CAS325M12HM2
Download  CAS325M12HM2 Download
File Size   1075.63 Kbytes
Page   7 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Ultra Low Loss, Low (5 nH) Inductance

CAS325M12HM2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAS325M12HM2 Datasheet PDF - Cree, Inc

Part # CAS325M12HM2
Download  CAS325M12HM2 Click to download

File Size   1075.63 Kbytes
Page   7 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Ultra Low Loss, Low (5 nH) Inductance

CAS325M12HM2 Datasheet (HTML) - Cree, Inc




Similar Part No. - CAS325M12HM2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CAS300M12BM2 CREE-CAS300M12BM2 Datasheet
849Kb / 8P
1.2kV, 5.0 m廓 All-Silicon Carbide Half-Bridge Module
logo
WOLFSPEED, INC.
CAS300M12BM2 WOLFSPEED-CAS300M12BM2 Datasheet
776Kb / 11P
1200 V, 300 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module
Rev. 2, 2021-02-08
logo
Cree, Inc
CAS300M12BM2 CREE-CAS300M12BM2_14 Datasheet
1Mb / 9P
Half-Bridge Module
CAS300M17BM2 CREE-CAS300M17BM2 Datasheet
953Kb / 9P
Half-Bridge Module
logo
WOLFSPEED, INC.
CAS300M17BM2 WOLFSPEED-CAS300M17BM2 Datasheet
878Kb / 11P
1700 V, 8.0 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, February 2023
More results


Similar Description - CAS325M12HM2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD127 PHILIPS-BYD127 Datasheet
48Kb / 8P
Ultra fast low-loss rectifier
1999 Nov 15
logo
EIC discrete Semiconduc...
BYD167A EIC-BYD167A Datasheet
109Kb / 2P
ULTRA FAST LOW-LOSS RECTIFIER
logo
TDK Electronics
CLLE1AX7S0G225M-0.95 TDK-CLLE1AX7S0G225M-0.95 Datasheet
936Kb / 13P
Ultra Low Inductance Capacitors
logo
International Rectifier
IRF8301MPBF IRF-IRF8301MPBF_15 Datasheet
344Kb / 10P
Ultra-low Package Inductance
IRF8304MPBF IRF-IRF8304MPBF_15 Datasheet
279Kb / 9P
Ultra Low Package Inductance
IRF8327SPBF IRF-IRF8327SPBF_15 Datasheet
264Kb / 10P
Ultra Low Package Inductance
logo
Global Mixed-mode Techn...
G5198 GMT-G5198 Datasheet
34Kb / 1P
Ultra-Low Loss Load Switch
logo
International Rectifier
IRF6710S2PBF IRF-IRF6710S2PBF Datasheet
307Kb / 10P
Ultra Low Package Inductance
IRF6718L2PBF IRF-IRF6718L2PBF Datasheet
236Kb / 10P
Ultra Low Package Inductance
logo
Vishay Siliconix
WSL18HP VISHAY-WSL18HP Datasheet
119Kb / 4P
Very low inductance 0.5 nH to 5 nH
10-Aug-16
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com