Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAS300M12BM2 Datasheet (PDF) - Cree, Inc

CAS300M12BM2 Datasheet PDF - Cree, Inc
Part # CAS300M12BM2
Download  CAS300M12BM2 Download
File Size   849.47 Kbytes
Page   8 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description 1.2kV, 5.0 m廓 All-Silicon Carbide Half-Bridge Module

CAS300M12BM2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAS300M12BM2 Datasheet PDF - Cree, Inc

Part # CAS300M12BM2
Download  CAS300M12BM2 Click to download

File Size   849.47 Kbytes
Page   8 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description 1.2kV, 5.0 m廓 All-Silicon Carbide Half-Bridge Module

CAS300M12BM2 Datasheet (HTML) - Cree, Inc




Similar Part No. - CAS300M12BM2

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CAS300M12BM2 WOLFSPEED-CAS300M12BM2 Datasheet
776Kb / 11P
1200 V, 300 A All-Silicon Carbide High Performance, Switching Optimized, Half-Bridge Module
Rev. 2, 2021-02-08
logo
Cree, Inc
CAS300M12BM2 CREE-CAS300M12BM2_14 Datasheet
1Mb / 9P
Half-Bridge Module
More results


Similar Description - CAS300M12BM2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CAS100H12AM1 CREE-CAS100H12AM1 Datasheet
740Kb / 7P
1200V, 100A Silicon Carbide Half-Bridge Module
logo
Molex Electronics Ltd.
CAS100H12AM1 MOLEX-CAS100H12AM1_13 Datasheet
859Kb / 11P
1200V, 100A Silicon Carbide Half-Bridge Module
logo
Cree, Inc
WAS300M12BM2 CREE-WAS300M12BM2 Datasheet
1Mb / 9P
1.2kV, 4.2 mohm All-Silicon Carbide THB-80 Half-Bridge Module
CAB450M12XM3 CREE-CAB450M12XM3 Datasheet
893Kb / 9P
1200V, 450A All-Silicon Carbide Conduction Optimized, Half-Bridge Module
CCB032M12FM3 CREE-CCB032M12FM3 Datasheet
1Mb / 11P
1200 V, 32 m廓 All-Silicon Carbide Six-Pack Module
CAB016M12FM3 CREE-CAB016M12FM3 Datasheet
2Mb / 11P
1200 V, 16 m廓 All-Silicon Carbide Half-Bridge Module
logo
General Electric Compan...
GE12047CCA3 GEC-GE12047CCA3 Datasheet
491Kb / 9P
1200V half bridge Silicon Carbide Power module
Rev. : 1, Public Release May 11, 2021
GE17042CCA3 GEC-GE17042CCA3 Datasheet
663Kb / 9P
1700V Half-Bridge Silicon Carbide Power Module
Rev 1.1 -Public Release - January 18, 2022
logo
WOLFSPEED, INC.
CAB450M12XM3 WOLFSPEED-CAB450M12XM3 Datasheet
892Kb / 9P
1200V, 450A All-Silicon Carbide Conduction Optimized, Half-Bridge Module
Rev. A, 2019-06-01
CAB530M12BM3 WOLFSPEED-CAB530M12BM3 Datasheet
1Mb / 11P
1200 V, 530 A All-Silicon Carbide Half-Bridge Module
Rev. 0, 2021-03-02
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com