Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GE17042CCA3 Datasheet (PDF) - General Electric Company

GE17042CCA3 Datasheet PDF - General Electric Company
Part # GE17042CCA3
Download  GE17042CCA3 Download
File Size   663.03 Kbytes
Page   9 Pages
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company
Description 1700V Half-Bridge Silicon Carbide Power Module

GE17042CCA3 Datasheet (PDF)

Go To PDF Page Download Datasheet
GE17042CCA3 Datasheet PDF - General Electric Company

Part # GE17042CCA3
Download  GE17042CCA3 Click to download

File Size   663.03 Kbytes
Page   9 Pages
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company
Description 1700V Half-Bridge Silicon Carbide Power Module

GE17042CCA3 Datasheet (HTML) - General Electric Company


GE17042CCA3 Product details

Features
•Highly reliable GE SiCMOSFET devices
•Low RDS(ON) (3.75 mΩ) (device only)
•Low stray inductance (6 nH)
•Ultra-low switching losses over entire operating range
•Body diode with minimal reverse recovery
•Integrated temperature sensing
•Dedicated DESAT Pin and Source-Kelvin Pin
•AlSiCBaseplate and Si3N4AMB Substrate




Similar Part No. - GE17042CCA3

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
GE17042BCA3 GEC-GE17042BCA3 Datasheet
710Kb / 9P
1700V Dual Silicon Carbide Power Module
Rev 1.1 -Public Release - January 18, 2022
More results


Similar Description - GE17042CCA3

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CAS100H12AM1 CREE-CAS100H12AM1 Datasheet
740Kb / 7P
1200V, 100A Silicon Carbide Half-Bridge Module
logo
Molex Electronics Ltd.
CAS100H12AM1 MOLEX-CAS100H12AM1_13 Datasheet
859Kb / 11P
1200V, 100A Silicon Carbide Half-Bridge Module
logo
First Silicon Co., Ltd
F2CD10170P FS-F2CD10170P Datasheet
598Kb / 5P
1700V Silicon Carbide
2022.05.25 Revision No : 0
logo
General Electric Compan...
GE12047CCA3 GEC-GE12047CCA3 Datasheet
491Kb / 9P
1200V half bridge Silicon Carbide Power module
Rev. : 1, Public Release May 11, 2021
GE17042BCA3 GEC-GE17042BCA3 Datasheet
710Kb / 9P
1700V Dual Silicon Carbide Power Module
Rev 1.1 -Public Release - January 18, 2022
logo
WOLFSPEED, INC.
CAB008A12GM3 WOLFSPEED-CAB008A12GM3 Datasheet
2Mb / 12P
1200 V, 8 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 1, April 2023
CAB011M12FM3 WOLFSPEED-CAB011M12FM3 Datasheet
2Mb / 12P
1200 V, 11 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, May 2023
CAB320M17XM3 WOLFSPEED-CAB320M17XM3 Datasheet
2Mb / 12P
1700 V, 3.5 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 2, February 2023
CAS175M12BM3 WOLFSPEED-CAS175M12BM3 Datasheet
3Mb / 12P
1200 V, 175 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
CAS300M17BM2 WOLFSPEED-CAS300M17BM2 Datasheet
878Kb / 11P
1700 V, 8.0 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, February 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com