Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2CD10170P Datasheet (PDF) - First Silicon Co., Ltd

F2CD10170P Datasheet PDF - First Silicon Co., Ltd
Part # F2CD10170P
Download  F2CD10170P Download
File Size   598.34 Kbytes
Page   5 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 1700V Silicon Carbide

F2CD10170P Datasheet (PDF)

Go To PDF Page Download Datasheet
F2CD10170P Datasheet PDF - First Silicon Co., Ltd

Part # F2CD10170P
Download  F2CD10170P Click to download

File Size   598.34 Kbytes
Page   5 Pages
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd
Description 1700V Silicon Carbide

F2CD10170P Datasheet (HTML) - First Silicon Co., Ltd


F2CD10170P Product details

Features

1700 Volt Schottky Rectifier
Shorter recovery time
High speed switching possible
High Frequency Operation
Temperature Independent Switching Behavior
Extremely Fast Switching
Positive Temperature Coefficient on VF
RoHS Compliant

Applications

Switch Mode Power Supplies
Power Factor Correction
Motor Drives
HID Lighting




Similar Part No. - F2CD10170P

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
F2CD40120B FS-F2CD40120B Datasheet
431Kb / 5P
1200V Silicon Carbide
2022.05.25 Revision No : 0
More results


Similar Description - F2CD10170P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IMBF170R650M1 INFINEON-IMBF170R650M1 Datasheet
1Mb / 16P
CoolSiC??1700V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
IMBF170R450M1 INFINEON-IMBF170R450M1 Datasheet
1Mb / 16P
CoolSiC??1700V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
IMBF170R1K0M1 INFINEON-IMBF170R1K0M1 Datasheet
1Mb / 16P
CoolSiC??1700V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
logo
Rectron Semiconductor
SC2S17010A RECTRON-SC2S17010A Datasheet
460Kb / 5P
1700V/ 10ASiliconCarbidePowerSchottkyBarrierDiode
SC2S17015A RECTRON-SC2S17015A Datasheet
311Kb / 5P
1700V/ 15ASiliconCarbidePowerSchottkyBarrierDiode
SC3S17015A RECTRON-SC3S17015A Datasheet
521Kb / 5P
1700V/ 15A Silicon Carbide Power Schottky Barrier Diode
logo
ON Semiconductor
NTBG1000N170M1 ONSEMI-NTBG1000N170M1 Datasheet
374Kb / 8P
Silicon Carbide (SiC) MOSFET – EliteSiC, 960 mohm, 1700V, M1, D2PAK-7L
February, 2023 - Rev. 2
logo
General Electric Compan...
GE17042BCA3 GEC-GE17042BCA3 Datasheet
710Kb / 9P
1700V Dual Silicon Carbide Power Module
Rev 1.1 -Public Release - January 18, 2022
GE17042CCA3 GEC-GE17042CCA3 Datasheet
663Kb / 9P
1700V Half-Bridge Silicon Carbide Power Module
Rev 1.1 -Public Release - January 18, 2022
logo
ON Semiconductor
NVBG1000N170M1 ONSEMI-NVBG1000N170M1 Datasheet
375Kb / 8P
Silicon Carbide (SiC) MOSFET – EliteSiC, 960 mohm, 1700V, M1, D2PAK-7L
October, 2023 - Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com