Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GE17042BCA3 Datasheet (PDF) - General Electric Company

GE17042BCA3 Datasheet PDF - General Electric Company
Part # GE17042BCA3
Download  GE17042BCA3 Download
File Size   710.38 Kbytes
Page   9 Pages
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company
Description 1700V Dual Silicon Carbide Power Module

GE17042BCA3 Datasheet (PDF)

Go To PDF Page Download Datasheet
GE17042BCA3 Datasheet PDF - General Electric Company

Part # GE17042BCA3
Download  GE17042BCA3 Click to download

File Size   710.38 Kbytes
Page   9 Pages
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company
Description 1700V Dual Silicon Carbide Power Module

GE17042BCA3 Datasheet (HTML) - General Electric Company


GE17042BCA3 Product details

Features
•Highly reliable GE SiCMOSFET devices
•Low RDS(ON) (3.75 mΩ) (device only)
•Low stray inductance (1 nH)
•Ultra-low switching losses over entire operating range
•Body diode with minimal reverse recovery
•Integrated temperature sensing
•AlSiCBaseplate and Si3N4AMB Substrate




Similar Part No. - GE17042BCA3

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
GE17042CCA3 GEC-GE17042CCA3 Datasheet
663Kb / 9P
1700V Half-Bridge Silicon Carbide Power Module
Rev 1.1 -Public Release - January 18, 2022
More results


Similar Description - GE17042BCA3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IMBF170R650M1 INFINEON-IMBF170R650M1 Datasheet
1Mb / 16P
CoolSiC??1700V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
IMBF170R450M1 INFINEON-IMBF170R450M1 Datasheet
1Mb / 16P
CoolSiC??1700V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
IMBF170R1K0M1 INFINEON-IMBF170R1K0M1 Datasheet
1Mb / 16P
CoolSiC??1700V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
logo
Rectron Semiconductor
SC2S17010A RECTRON-SC2S17010A Datasheet
460Kb / 5P
1700V/ 10ASiliconCarbidePowerSchottkyBarrierDiode
SC2S17015A RECTRON-SC2S17015A Datasheet
311Kb / 5P
1700V/ 15ASiliconCarbidePowerSchottkyBarrierDiode
SC3S17015A RECTRON-SC3S17015A Datasheet
521Kb / 5P
1700V/ 15A Silicon Carbide Power Schottky Barrier Diode
logo
First Silicon Co., Ltd
F2CD10170P FS-F2CD10170P Datasheet
598Kb / 5P
1700V Silicon Carbide
2022.05.25 Revision No : 0
logo
General Electric Compan...
GE12047BCA3 GEC-GE12047BCA3 Datasheet
495Kb / 9P
1200V Dual Silicon Carbide Power module
Rev. : 1, Public Release 11 June 2021
GE17042CCA3 GEC-GE17042CCA3 Datasheet
663Kb / 9P
1700V Half-Bridge Silicon Carbide Power Module
Rev 1.1 -Public Release - January 18, 2022
logo
ON Semiconductor
NVBG1000N170M1 ONSEMI-NVBG1000N170M1 Datasheet
375Kb / 8P
Silicon Carbide (SiC) MOSFET – EliteSiC, 960 mohm, 1700V, M1, D2PAK-7L
October, 2023 - Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com