Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2CD10170P Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # F2CD10170P
Description  1700V Silicon Carbide
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

F2CD10170P Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  F2CD10170P Datasheet HTML 1Page - First Silicon Co., Ltd F2CD10170P Datasheet HTML 2Page - First Silicon Co., Ltd F2CD10170P Datasheet HTML 3Page - First Silicon Co., Ltd F2CD10170P Datasheet HTML 4Page - First Silicon Co., Ltd F2CD10170P Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S E M I C O N D U C TO R
TECHNICAL DATA
F2CD10170P
2022.05.25
Revision No : 0
1/5
Symbol
Parameter
Value
Units
VRRM
Repetitive Peak Reverse Voltage
1700
V
VRSM
Surge Peak Reverse Voltage
1700
V
VDC
DC Blocking Voltage
1700
V
IF
Continuous Forward Current
TC
= 25˚C
TC
= 160˚C
36
10
A
IFRM
Repetitive Peak Forward Current
TC
= 110˚C
83
A
IFSM
Non-Repetitive Forward Surge Current TC
= 25˚C
(PW=10ms sinusoidal)
TC
= 110˚C
60
50
A
PD
Power Dissipation
TC
= 25˚C
214
W
TJ, Tstg
Operating Junction and Storage Temperature
-55 to +175
℃
F2CD10170P
1700V Silicon Carbide Diode
Features
- 1700-Volt Schottky Rectifier
- Shorter recovery time
- High-speed switching possible
- High-Frequency Operation
- Temperature-Independent Switching Behavior
- Extremely Fast Switching
- Positive Temperature Coefficient on VF
- RoHS Compliant
Applications
- Switch Mode Power Supplies
- Power Factor Correction
- Motor Drives
- HID Lighting
Package Outline
Absolute Maximum Ratings
TC = 25°C unless otherwise noted
Anode
Cathode
TO-247_2L


Similar Part No. - F2CD10170P

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
F2CD40120B FS-F2CD40120B Datasheet
431Kb / 5P
1200V Silicon Carbide
2022.05.25 Revision No : 0
More results

Similar Description - F2CD10170P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IMBF170R650M1 INFINEON-IMBF170R650M1 Datasheet
1Mb / 16P
CoolSiC??1700V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
IMBF170R450M1 INFINEON-IMBF170R450M1 Datasheet
1Mb / 16P
CoolSiC??1700V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
IMBF170R1K0M1 INFINEON-IMBF170R1K0M1 Datasheet
1Mb / 16P
CoolSiC??1700V SiC Trench MOSFET Silicon Carbide MOSFET
Datasheet 2.2 2020-12-11
logo
Rectron Semiconductor
SC2S17010A RECTRON-SC2S17010A Datasheet
460Kb / 5P
1700V/ 10ASiliconCarbidePowerSchottkyBarrierDiode
SC2S17015A RECTRON-SC2S17015A Datasheet
311Kb / 5P
1700V/ 15ASiliconCarbidePowerSchottkyBarrierDiode
SC3S17015A RECTRON-SC3S17015A Datasheet
521Kb / 5P
1700V/ 15A Silicon Carbide Power Schottky Barrier Diode
logo
ON Semiconductor
NTBG1000N170M1 ONSEMI-NTBG1000N170M1 Datasheet
374Kb / 8P
Silicon Carbide (SiC) MOSFET – EliteSiC, 960 mohm, 1700V, M1, D2PAK-7L
February, 2023 - Rev. 2
logo
General Electric Compan...
GE17042BCA3 GEC-GE17042BCA3 Datasheet
710Kb / 9P
1700V Dual Silicon Carbide Power Module
Rev 1.1 -Public Release - January 18, 2022
GE17042CCA3 GEC-GE17042CCA3 Datasheet
663Kb / 9P
1700V Half-Bridge Silicon Carbide Power Module
Rev 1.1 -Public Release - January 18, 2022
logo
ON Semiconductor
NVBG1000N170M1 ONSEMI-NVBG1000N170M1 Datasheet
375Kb / 8P
Silicon Carbide (SiC) MOSFET – EliteSiC, 960 mohm, 1700V, M1, D2PAK-7L
October, 2023 - Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com