Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAS300M17BM2 Datasheet (PDF) - WOLFSPEED, INC.

CAS300M17BM2 Datasheet PDF - WOLFSPEED, INC.
Part # CAS300M17BM2
Download  CAS300M17BM2 Download
File Size   878.62 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1700 V, 8.0 mΩ, Silicon Carbide, Half-Bridge Module

CAS300M17BM2 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAS300M17BM2 Datasheet PDF - WOLFSPEED, INC.

Part # CAS300M17BM2
Download  CAS300M17BM2 Click to download

File Size   878.62 Kbytes
Page   11 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1700 V, 8.0 mΩ, Silicon Carbide, Half-Bridge Module

CAS300M17BM2 Datasheet (HTML) - WOLFSPEED, INC.


CAS300M17BM2 Product details

Technical Features
• Industry Standard 62mm Footprint
• Ultra Low Loss, High-Frequency Operation
• Zero Reverse Recovery from Diodes
• Zero Turn-off Tail Current from MOSFET
• Normally-off, Fail-safe Device Operation
• Copper Baseplate and Aluminum Nitride Insulator
Applications
• HF Resonant Converters/Inverters
• Solar and Wind Inverters
• UPS and SMPS
• Motor Drive
• Traction
1700 V, 8.0 mΩ, Silicon Carbide, Half-Bridge Module
VDS 1700 V
I
DS 300 A
System Benefits
• Enables Compact and Lightweight Systems
• High Efficiency Operation
• Mitigates Over-voltage Protection
• Reduced Thermal Requirements
• Reduced System Cost




Similar Part No. - CAS300M17BM2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CAS300M17BM2 CREE-CAS300M17BM2 Datasheet
953Kb / 9P
Half-Bridge Module
More results


Similar Description - CAS300M17BM2

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CAB006A12GM3 WOLFSPEED-CAB006A12GM3 Datasheet
2Mb / 12P
1200 V, 6 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 1, April 2023
CAB008A12GM3 WOLFSPEED-CAB008A12GM3 Datasheet
2Mb / 12P
1200 V, 8 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 1, April 2023
CAB011M12FM3 WOLFSPEED-CAB011M12FM3 Datasheet
2Mb / 12P
1200 V, 11 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, May 2023
CAB016M12FM3 WOLFSPEED-CAB016M12FM3 Datasheet
3Mb / 12P
1200 V, 16 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, May 2023
CAB320M17XM3 WOLFSPEED-CAB320M17XM3 Datasheet
2Mb / 12P
1700 V, 3.5 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 2, February 2023
CAB500M17HM3 WOLFSPEED-CAB500M17HM3 Datasheet
1Mb / 12P
1700 V, 500 A, Silicon Carbide, Half-Bridge Module
Rev. 01, FEBRUARY 2022
CAB650M17HM3 WOLFSPEED-CAB650M17HM3 Datasheet
1Mb / 12P
1700 V, 650 A, Silicon Carbide, Half-Bridge Module
Rev. 01, FEBRUARY 2022
CAS310M17BM3 WOLFSPEED-CAS310M17BM3 Datasheet
3Mb / 12P
1700 V, 310 A, Silicon Carbide, Half-Bridge Module
Rev. 0, November 2022
CAS380M17HM3 WOLFSPEED-CAS380M17HM3 Datasheet
1Mb / 12P
1700 V, 380 A, Silicon Carbide, Half-Bridge Module
Rev. 01, FEBRUARY 2022
WAS310M17BM3 WOLFSPEED-WAS310M17BM3 Datasheet
3Mb / 12P
1700 V, 310 A, Silicon Carbide, Half-Bridge Module
Rev. 0 November 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com