Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAB320M17XM3 Datasheet (PDF) - WOLFSPEED, INC.

CAB320M17XM3 Datasheet PDF - WOLFSPEED, INC.
Part # CAB320M17XM3
Download  CAB320M17XM3 Download
File Size   3012.51 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1700 V, 3.5 mΩ, Silicon Carbide, Half-Bridge Module

CAB320M17XM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAB320M17XM3 Datasheet PDF - WOLFSPEED, INC.

Part # CAB320M17XM3
Download  CAB320M17XM3 Click to download

File Size   3012.51 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1700 V, 3.5 mΩ, Silicon Carbide, Half-Bridge Module

CAB320M17XM3 Datasheet (HTML) - WOLFSPEED, INC.


CAB320M17XM3 Product details

Technical Features
• High Power Density Footprint
• High Junction Temperature (175 °C) Operation
• Low-Inductance (6.7 nH) Design
• Implements Wolfspeed’s Third Generation SiC MOSFET
Technology
• Silicon Nitride Insulator and Copper Baseplate
• 1700 V Drain-Source Voltage
• Cross-pin Gate-Source Signal Pinout
Applications
• Energy
• Medical
• Motor & Motion Control
• Test and Production Equipment
• Transportation
• Traction Inverters
1700 V, 3.5 mΩ, Silicon Carbide, Half-Bridge Module
VDS 1700 V
I
DS 320 A
System Benefits
• Terminal layout allows for direct bus bar connection without bends
or bushings enabling a simple, low-inductance design.
• Isolated, integrated temperature sensing enables high-level temperature protection.
• Dedicated high-side Kelvin-drain pin enables direct voltage sensing
for gate driver overcurrent protection.
• 1700 VDS allows use with higher bus voltage (typically up to 1.4 kV).




Similar Part No. - CAB320M17XM3

ManufacturerPart #DatasheetDescription
logo
Okaya Electric America,...
CAB33-12 OKAYA-CAB33-12 Datasheet
242Kb / 1P
SILICON SURGE ABSORBER
CAB33-4 OKAYA-CAB33-4 Datasheet
242Kb / 1P
SILICON SURGE ABSORBER
CAB33-8 OKAYA-CAB33-8 Datasheet
242Kb / 1P
SILICON SURGE ABSORBER
logo
Clarke International
CAB3B CLARKE-CAB3B Datasheet
2Mb / 16P
AIRBRUSH KIT
GC0720 - ISS 3
logo
WOLFSPEED, INC.
CAB3R5M12DM4 WOLFSPEED-CAB3R5M12DM4 Datasheet
2Mb / 12P
1200 V, 3.5 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 1, DECEMBER 2024
More results


Similar Description - CAB320M17XM3

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CAB006A12GM3 WOLFSPEED-CAB006A12GM3 Datasheet
2Mb / 12P
1200 V, 6 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 1, April 2023
CAB008A12GM3 WOLFSPEED-CAB008A12GM3 Datasheet
2Mb / 12P
1200 V, 8 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 1, April 2023
CAB011M12FM3 WOLFSPEED-CAB011M12FM3 Datasheet
2Mb / 12P
1200 V, 11 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, May 2023
CAB016M12FM3 WOLFSPEED-CAB016M12FM3 Datasheet
3Mb / 12P
1200 V, 16 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, May 2023
CAB500M17HM3 WOLFSPEED-CAB500M17HM3 Datasheet
1Mb / 12P
1700 V, 500 A, Silicon Carbide, Half-Bridge Module
Rev. 01, FEBRUARY 2022
CAB650M17HM3 WOLFSPEED-CAB650M17HM3 Datasheet
1Mb / 12P
1700 V, 650 A, Silicon Carbide, Half-Bridge Module
Rev. 01, FEBRUARY 2022
CAS300M17BM2 WOLFSPEED-CAS300M17BM2 Datasheet
878Kb / 11P
1700 V, 8.0 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, February 2023
CAS310M17BM3 WOLFSPEED-CAS310M17BM3 Datasheet
3Mb / 12P
1700 V, 310 A, Silicon Carbide, Half-Bridge Module
Rev. 0, November 2022
CAS380M17HM3 WOLFSPEED-CAS380M17HM3 Datasheet
1Mb / 12P
1700 V, 380 A, Silicon Carbide, Half-Bridge Module
Rev. 01, FEBRUARY 2022
WAS310M17BM3 WOLFSPEED-WAS310M17BM3 Datasheet
3Mb / 12P
1700 V, 310 A, Silicon Carbide, Half-Bridge Module
Rev. 0 November 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com