Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAB500M17HM3 Datasheet (PDF) - WOLFSPEED, INC.

CAB500M17HM3 Datasheet PDF - WOLFSPEED, INC.
Part # CAB500M17HM3
Download  CAB500M17HM3 Download
File Size   1910.94 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1700 V, 500 A, Silicon Carbide, Half-Bridge Module

CAB500M17HM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAB500M17HM3 Datasheet PDF - WOLFSPEED, INC.

Part # CAB500M17HM3
Download  CAB500M17HM3 Click to download

File Size   1910.94 Kbytes
Page   12 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description 1700 V, 500 A, Silicon Carbide, Half-Bridge Module

CAB500M17HM3 Datasheet (HTML) - WOLFSPEED, INC.


CAB500M17HM3 Product details

Technical Features
• Ultra-Low Loss
• High Frequency Operation
• Zero Turn-Off Tail Current from MOSFET
• Normally-Off, Fail-Safe Device Operation
Applications
• Railway, Traction, and Motor Drives
• EV Chargers
• High-Efficiency Converters / Inverters
• Renewable Energy
• Smart-Grid / Grid-Tied Distributed Generation
1700 V, 500 A, Silicon Carbide, Half-Bridge Module
VDS 1700 V
I
DS 500 A
System Benefits
• Enables Compact, Lightweight Systems
• Increased System Efficiency, due to Low Switching
& Conduction Losses of SiC
• Reduced Thermal Requirements and System Cost




Similar Part No. - CAB500M17HM3

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CAB525F12XM3 WOLFSPEED-CAB525F12XM3 Datasheet
2Mb / 13P
1200 V, 2.6 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, September 2024
CAB530M12BM3 WOLFSPEED-CAB530M12BM3 Datasheet
1Mb / 11P
1200 V, 530 A All-Silicon Carbide Half-Bridge Module
Rev. 0, 2021-03-02
CAB5R0A23GM4 WOLFSPEED-CAB5R0A23GM4 Datasheet
2Mb / 12P
2300 V, 5.0 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 2, Nov 2024
More results


Similar Description - CAB500M17HM3

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CAB320M17XM3 WOLFSPEED-CAB320M17XM3 Datasheet
2Mb / 12P
1700 V, 3.5 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 2, February 2023
CAB650M17HM3 WOLFSPEED-CAB650M17HM3 Datasheet
1Mb / 12P
1700 V, 650 A, Silicon Carbide, Half-Bridge Module
Rev. 01, FEBRUARY 2022
CAR600M17HN6 WOLFSPEED-CAR600M17HN6 Datasheet
783Kb / 7P
1700 V, 600 A, Silicon Carbide, Half-Bridge Rectifier
Rev. 01, FEBRUARY 2022
CAS175M12BM3 WOLFSPEED-CAS175M12BM3 Datasheet
3Mb / 12P
1200 V, 175 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
CAS300M17BM2 WOLFSPEED-CAS300M17BM2 Datasheet
878Kb / 11P
1700 V, 8.0 mΩ, Silicon Carbide, Half-Bridge Module
Rev. 3, February 2023
CAS310M17BM3 WOLFSPEED-CAS310M17BM3 Datasheet
3Mb / 12P
1700 V, 310 A, Silicon Carbide, Half-Bridge Module
Rev. 0, November 2022
CAS350M12BM3 WOLFSPEED-CAS350M12BM3 Datasheet
3Mb / 12P
1200 V, 350 A, Silicon Carbide, Half-Bridge Module
Rev. 0, JUNE 2022
CAS380M17HM3 WOLFSPEED-CAS380M17HM3 Datasheet
1Mb / 12P
1700 V, 380 A, Silicon Carbide, Half-Bridge Module
Rev. 01, FEBRUARY 2022
WAS310M17BM3 WOLFSPEED-WAS310M17BM3 Datasheet
3Mb / 12P
1700 V, 310 A, Silicon Carbide, Half-Bridge Module
Rev. 0 November 2022
WAS350M12BM3 WOLFSPEED-WAS350M12BM3 Datasheet
3Mb / 12P
1200 V, 350 A, Silicon Carbide, Half-Bridge Module
Rev. 0 JUNE 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com