Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K1-TCM Datasheet (PDF) - Mini-Circuits

K1-TCM Datasheet PDF - Mini-Circuits
Part # K1-TCM
Download  K1-TCM Download
File Size   316.4 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 0.5 to 2500MHz

K1-TCM Datasheet (PDF)

Go To PDF Page Download Datasheet
K1-TCM Datasheet PDF - Mini-Circuits

Part # K1-TCM
Download  K1-TCM Click to download

File Size   316.4 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 0.5 to 2500MHz

K1-TCM Datasheet (HTML) - Mini-Circuits




Similar Part No. - K1-TCM

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K1-TCG2 MINI-K1-TCG2 Datasheet
298Kb / 1P
0.3 to 3000 MHz
K1-TCG2+ MINI-K1-TCG2+ Datasheet
298Kb / 1P
0.3 to 3000 MHz
K1-TCN MINI-K1-TCN Datasheet
213Kb / 1P
600 to 2600 MHz
K1-TCN+ MINI-K1-TCN+ Datasheet
213Kb / 1P
600 to 2600 MHz
K1-TCW MINI-K1-TCW Datasheet
591Kb / 1P
Baluns/Transformers
REV. OR
More results


Similar Description - K1-TCM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2472 MAXIM-MAX2472 Datasheet
242Kb / 12P
500MHz to 2500MHz VCO Buffer Amplifiers
19-1466; Rev 0; 6/99
MAX2009 MAXIM-MAX2009 Datasheet
525Kb / 19P
1200MHz to 2500MHz Adjustable RF Predistorter
Rev 0; 8/03
logo
CTS Corporation
VCO3072 CTS-VCO3072 Datasheet
171Kb / 3P
2400-2500MHz VCO
logo
American Accurate Compo...
JXMBGF-T-2-800-2500-C AAC-JXMBGF-T-2-800-2500-C Datasheet
538Kb / 1P
Air Dielectric Power Divider 800 to 2500MHz
JXWBVCO-D-4-8 AAC-JXWBVCO-D-4-8 Datasheet
142Kb / 2P
Voltage Controlled Oscillators 4 to 2500MHz
JXMBGF-T-2-800-2500 AAC-JXMBGF-T-2-800-2500 Datasheet
337Kb / 1P
Microstrip Power Divider 800 to 2500MHz
JXWBLA-S-10-500-29 AAC-JXWBLA-S-10-500-29 Datasheet
63Kb / 1P
Wideband Amplifiers 10 to 2500MHz
logo
RF Micro Devices
RF3826 RFMD-RF3826 Datasheet
1Mb / 15P
30MHz TO 2500MHz, 9W GaN WIDEBAND
logo
List of Unclassifed Man...
CA14 ETC2-CA14 Datasheet
675Kb / 7P
2400MHz to 2500MHz WLAN/WIFI/Bluetooth/Zigbee
logo
Taoglas antenna solutio...
WCM.01.0151W TAOGLAS-WCM.01.0151W Datasheet
4Mb / 30P
2400MHz to 2500MHz Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com