Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K1-TCN Datasheet (PDF) - Mini-Circuits

K1-TCN Datasheet PDF - Mini-Circuits
Part # K1-TCN
Download  K1-TCN Download
File Size   213.69 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 600 to 2600 MHz

K1-TCN Datasheet (PDF)

Go To PDF Page Download Datasheet
K1-TCN Datasheet PDF - Mini-Circuits

Part # K1-TCN
Download  K1-TCN Click to download

File Size   213.69 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 600 to 2600 MHz

K1-TCN Datasheet (HTML) - Mini-Circuits




Similar Part No. - K1-TCN

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
K1-TCG2 MINI-K1-TCG2 Datasheet
298Kb / 1P
0.3 to 3000 MHz
K1-TCG2+ MINI-K1-TCG2+ Datasheet
298Kb / 1P
0.3 to 3000 MHz
K1-TCM MINI-K1-TCM Datasheet
316Kb / 1P
0.5 to 2500MHz
K1-TCM+ MINI-K1-TCM+ Datasheet
316Kb / 1P
0.5 to 2500MHz
K1-TCW MINI-K1-TCW Datasheet
591Kb / 1P
Baluns/Transformers
REV. OR
More results


Similar Description - K1-TCN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA38-2 MACOM-PA38-2 Datasheet
104Kb / 1P
200 TO 2600 MHz CASCADABLE AMPLIFIER
logo
Mini-Circuits
VLF-2600 MINI-VLF-2600 Datasheet
90Kb / 1P
Coaxial Low Pass Filter DC to 2600 MHz
logo
Tyco Electronics
A36-2 MACOM-A36-2 Datasheet
372Kb / 2P
Cascadable Amplifier 100 to 2600 MHz
logo
M/A-COM Technology Solu...
SMA36-2 MA-COM-SMA36-2 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 2600 MHz
SMPA38-2 MA-COM-SMPA38-2 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2600 MHz
logo
Analog Devices
ADRF6703 AD-ADRF6703 Datasheet
1Mb / 36P
1550 MHz to 2650 MHz Quadrature Modulator with 2100 MHz to 2600 MHz Frac-N PLL
REV. 0
logo
API Technologies Corp
310-027023-001 APITECH-310-027023-001 Datasheet
178Kb / 3P
Local Oscillator x26 Multiplier 100 MHz/2600 MHz
logo
M/A-COM Technology Solu...
A36-2 MA-COM-A36-2 Datasheet
635Kb / 3P
Cascadable Amplifier 10 to 2600 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1333A TAI-SAW-TA1333A Datasheet
364Kb / 8P
SAW Filter 2600 MHz
logo
Yantel Corporation
QF1880Q06A YANTEL-QF1880Q06A Datasheet
3Mb / 12P
Quadrifilar Directional Coupler 1165 MHz-2600 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com