Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA38-2 Datasheet (PDF) - Tyco Electronics

PA38-2 Datasheet PDF - Tyco Electronics
Part # PA38-2
Download  PA38-2 Download
File Size   104.22 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 200 TO 2600 MHz CASCADABLE AMPLIFIER

PA38-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA38-2 Datasheet PDF - Tyco Electronics

Part # PA38-2
Download  PA38-2 Click to download

File Size   104.22 Kbytes
Page   1 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 200 TO 2600 MHz CASCADABLE AMPLIFIER

PA38-2 Datasheet (HTML) - Tyco Electronics




Similar Part No. - PA38-2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PA38-2 MA-COM-PA38-2 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2600 MHz
PA38-2 MA-COM-PA38-2 Datasheet
1Mb / 2P
Cascadable Amplifier
PA38-2 MA-COM-PA38-2 Datasheet
1Mb / 2P
Cascadable Amplifier
PA38-2 MA-COM-PA38-2_15 Datasheet
1Mb / 2P
Cascadable Amplifier
More results


Similar Description - PA38-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A80-1 MACOM-A80-1 Datasheet
100Kb / 1P
10 TO 200 MHz CASCADABLE AMPLIFIER
A36-2 MACOM-A36-2 Datasheet
372Kb / 2P
Cascadable Amplifier 100 to 2600 MHz
A71 MACOM-A71 Datasheet
352Kb / 2P
Cascadable Amplifier 5 to 200 MHz
PA38 MACOM-PA38 Datasheet
369Kb / 2P
Cascadable Amplifier 200 to 2000 MHz
logo
M/A-COM Technology Solu...
SMA36-2 MA-COM-SMA36-2 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 2600 MHz
SMPA38-2 MA-COM-SMPA38-2 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2600 MHz
SMPA2010 MA-COM-SMPA2010 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2000 MHz
A71 MA-COM-A71 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 200 MHz
A36-2 MA-COM-A36-2 Datasheet
635Kb / 3P
Cascadable Amplifier 10 to 2600 MHz
PA2010 MA-COM-PA2010_15 Datasheet
603Kb / 3P
Cascadable Amplifier 200 to 2000 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com