Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A71 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

A71 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # A71
Download  A71 Download
File Size   1330.48 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 5 to 200 MHz

A71 Datasheet (PDF)

Go To PDF Page Download Datasheet
A71 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # A71
Download  A71 Click to download

File Size   1330.48 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description Cascadable Amplifier 5 to 200 MHz

A71 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


A71 Product details

Description

The A71 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.

This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Both TO-8 and Surface Mount packages are Hermetically sealed, and MIL-STD-883 environmental screening is available.



Features

• AVAILABLE IN SURFACE MOUNT

• LOW NOISE: 2.1 dB (TYP.)

• HIGH GAIN 18 dB (TYP.)

• LOW VSWR <1.4:1 (TYP.)



 




Similar Part No. - A71

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A71 MACOM-A71 Datasheet
352Kb / 2P
Cascadable Amplifier 5 to 200 MHz
logo
M/A-COM Technology Solu...
A71 MA-COM-A71 Datasheet
628Kb / 3P
Cascadable Amplifier
logo
DFI Inc
A71-103004-000G DFI-A71-103004-000G Datasheet
749Kb / 4P
8th/9th Gen Intel® CoreTM AI-Enabled Embedded System
A71-103005-000G DFI-A71-103005-000G Datasheet
749Kb / 4P
8th/9th Gen Intel® CoreTM AI-Enabled Embedded System
A71-110100-000G DFI-A71-110100-000G Datasheet
749Kb / 4P
8th/9th Gen Intel® CoreTM AI-Enabled Embedded System
More results


Similar Description - A71

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A80-1 MACOM-A80-1 Datasheet
100Kb / 1P
10 TO 200 MHz CASCADABLE AMPLIFIER
PA38-2 MACOM-PA38-2 Datasheet
104Kb / 1P
200 TO 2600 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC238 ETC-AC238 Datasheet
81Kb / 1P
5 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
A71 MACOM-A71 Datasheet
352Kb / 2P
Cascadable Amplifier 5 to 200 MHz
PA38 MACOM-PA38 Datasheet
369Kb / 2P
Cascadable Amplifier 200 to 2000 MHz
logo
M/A-COM Technology Solu...
SMPA38-2 MA-COM-SMPA38-2 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2600 MHz
SMPA2010 MA-COM-SMPA2010 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2000 MHz
PA2010 MA-COM-PA2010_15 Datasheet
603Kb / 3P
Cascadable Amplifier 200 to 2000 MHz
logo
Teledyne Technologies I...
AC238 TELEDYNE-AC238 Datasheet
131Kb / 1P
5 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
UTOUTC0250 TELEDYNE-UTOUTC0250 Datasheet
167Kb / 6P
Thin-Film Cascadable Amplifier 5 to 200 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com