Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A71 Datasheet (PDF) - Tyco Electronics

A71 Datasheet PDF - Tyco Electronics
Part # A71
Download  A71 Download
File Size   352.83 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 5 to 200 MHz

A71 Datasheet (PDF)

Go To PDF Page Download Datasheet
A71 Datasheet PDF - Tyco Electronics

Part # A71
Download  A71 Click to download

File Size   352.83 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Cascadable Amplifier 5 to 200 MHz

A71 Datasheet (HTML) - Tyco Electronics


A71 Product details

Description

The A71 RF amplifier is a discrete hybrid design, which uses thin film manufacturing processes for accurate performance and high reliability.

This single stage bipolar transistor feedback amplifier design displays impressive performance over a broadband frequency range. Both TO-8 and Surface Mount packages are Hermetically sealed, and MIL-STD-883 environmental screening is available.



Features

• AVAILABLE IN SURFACE MOUNT

• LOW NOISE: 2.1 dB (TYP.)

• HIGH GAIN 18 dB (TYP.)

• LOW VSWR <1.4:1 (TYP.)



 




Similar Part No. - A71

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
A71 MA-COM-A71 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 200 MHz
A71 MA-COM-A71 Datasheet
628Kb / 3P
Cascadable Amplifier
logo
DFI Inc
A71-103004-000G DFI-A71-103004-000G Datasheet
749Kb / 4P
8th/9th Gen Intel® CoreTM AI-Enabled Embedded System
A71-103005-000G DFI-A71-103005-000G Datasheet
749Kb / 4P
8th/9th Gen Intel® CoreTM AI-Enabled Embedded System
A71-110100-000G DFI-A71-110100-000G Datasheet
749Kb / 4P
8th/9th Gen Intel® CoreTM AI-Enabled Embedded System
More results


Similar Description - A71

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A80-1 MACOM-A80-1 Datasheet
100Kb / 1P
10 TO 200 MHz CASCADABLE AMPLIFIER
PA38-2 MACOM-PA38-2 Datasheet
104Kb / 1P
200 TO 2600 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
AC238 ETC-AC238 Datasheet
81Kb / 1P
5 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
logo
Tyco Electronics
PA38 MACOM-PA38 Datasheet
369Kb / 2P
Cascadable Amplifier 200 to 2000 MHz
logo
M/A-COM Technology Solu...
SMPA38-2 MA-COM-SMPA38-2 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2600 MHz
SMPA2010 MA-COM-SMPA2010 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2000 MHz
A71 MA-COM-A71 Datasheet
1Mb / 2P
Cascadable Amplifier 5 to 200 MHz
PA2010 MA-COM-PA2010_15 Datasheet
603Kb / 3P
Cascadable Amplifier 200 to 2000 MHz
logo
Teledyne Technologies I...
AC238 TELEDYNE-AC238 Datasheet
131Kb / 1P
5 TO 200 MHz TO-8 CASCADABLE AMPLIFIER
UTOUTC0250 TELEDYNE-UTOUTC0250 Datasheet
167Kb / 6P
Thin-Film Cascadable Amplifier 5 to 200 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com