Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3826 Datasheet (PDF) - RF Micro Devices

RF3826 Datasheet PDF - RF Micro Devices
Part # RF3826
Download  RF3826 Download
File Size   1251.2 Kbytes
Page   15 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 30MHz TO 2500MHz, 9W GaN WIDEBAND

RF3826 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF3826 Datasheet PDF - RF Micro Devices

Part # RF3826
Download  RF3826 Click to download

File Size   1251.2 Kbytes
Page   15 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 30MHz TO 2500MHz, 9W GaN WIDEBAND

RF3826 Datasheet (HTML) - RF Micro Devices


RF3826 Product details

Product Description
The RF3826 is a wideband Power Amplifier designed for CW and pulsed applications such as wireless infrastructure, RADAR, two way radios and general purpose amplification. Using an advanced high power density Gallium Nitride (GaN) semiconductor process, these high-performance amplifiers achieve high efficiency, flat gain and large instantaneous bandwidth in a single amplifier design. The RF3826 is an input matched GaN transistor packaged in an air cavity ceramic package which provides excellent thermal stability through the use of advanced heat sink and power dissipation technologies. Ease of integration is accomplished through the incorporation of optimized input matching network within the package that provides wideband gain and power performance in a single amplifier. An external output match offers the flexibility of further optimizing power and efficiency for any sub-band within the overall bandwidth.

Features
■ Advanced GaN HEMT Technology
■ Output Power of 9W
■ Advanced Heat-Sink Technology
■ 30MHz to 2500MHz
   Instantaneous Bandwidth
■ Input Internally Matched to 50
■ 28V Operation Typical
   Performance
   ■ POUT 39.5dBm
   ■ Gain 12dB
   ■ Power Added Efficiency 45%
      (30MHz to 2500MHz)
   ■ Power Added Efficiency 50%
      (200MHz to 1800MHz)
■ -40°C to 85°C Operating
   Temperature
■ Large Signal Models Available

Applications
■ Class AB Operation for Public
   Mobile Radio
■ Power Amplifier Stage for
   Commercial Wireless
   Infrastructure
■ General Purpose Tx Amplification
■ Test and Instrumentation
■ Civilian and Military Radar




Similar Part No. - RF3826

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3827 RFMD-RF3827 Datasheet
199Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF3827PCBA RFMD-RF3827PCBA Datasheet
199Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF3827 RFMD-RF3827_14 Datasheet
519Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
More results


Similar Description - RF3826

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZAMP002 ZETEX-ZAMP002 Datasheet
127Kb / 8P
800-2500MHz MMIC WIDEBAND AMPLIFIER
ZAMP003 ZETEX-ZAMP003 Datasheet
138Kb / 8P
800-2500MHz MMIC WIDEBAND AMPLIFIER
logo
American Accurate Compo...
JXWBLA-S-10-500-29 AAC-JXWBLA-S-10-500-29 Datasheet
63Kb / 1P
Wideband Amplifiers 10 to 2500MHz
logo
RF Micro Devices
RFHA1000 RFMD-RFHA1000 Datasheet
906Kb / 11P
50MHz TO 1000MHz, 15W GaN WIDEBAND
RFHA1003 RFMD-RFHA1003 Datasheet
1Mb / 11P
30MHz TO 512MHz, 9W GaN WIDEBAND
RFHA1006 RFMD-RFHA1006 Datasheet
1Mb / 11P
225MHz TO 1215MHz, 9W GaN WIDEBAND
logo
M/A-COM Technology Solu...
MAGX-011087-V1P MA-COM-MAGX-011087-V1P Datasheet
1Mb / 9P
GaN Wideband Power Amplifier
logo
Mini-Circuits
K1-TCM MINI-K1-TCM Datasheet
316Kb / 1P
0.5 to 2500MHz
logo
Microchip Technology
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
27.5 ??31 GHz 9W GaN PA MMIC
2021
ICP2840 MICROCHIP-ICP2840 Datasheet
787Kb / 21P
27.5 – 31 GHz 9W GaN PA MMIC
12/2021 Revision B
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com