Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICP2840 Datasheet (PDF) - Microchip Technology

ICP2840 Datasheet PDF - Microchip Technology
Part # ICP2840
Download  ICP2840 Download
File Size   787.2 Kbytes
Page   21 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 27.5 – 31 GHz 9W GaN PA MMIC

ICP2840 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICP2840 Datasheet PDF - Microchip Technology

Part # ICP2840
Download  ICP2840 Click to download

File Size   787.2 Kbytes
Page   21 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 27.5 – 31 GHz 9W GaN PA MMIC

ICP2840 Datasheet (HTML) - Microchip Technology


ICP2840 Product details

Key Features
• Frequency range: 27.5 – 31 GHz
• Pout: 39.5 dBm (Pin = 24 dBm)
• PAE: 22% (Pin = 24 dBm)
• Small Signal Gain: 22 dB (28 GHz)
• Return Loss: 15 dB
• Drain Bias 24V, IDQ = 112 mA – 224 mA
• Technology: GaN on SiC
• Lead-free and RoHS compliant
• Dimensions: 3.025 mm × 3.405 mm × 0.10 mm

Applications
• Satellite Communications
• Aerospace & Defense
• 5G




Similar Part No. - ICP2840

ManufacturerPart #DatasheetDescription
logo
Rohm
ICP ROHM-ICP Datasheet
95Kb / 1P
ICP
logo
TDK Electronics
ICP-10111 TDK-ICP-10111 Datasheet
995Kb / 31P
High Accuracy, Low Power, Barometric Pressure and Temperature Sensor IC
Revision: 1.3
logo
Rohm
ICP-F10 ROHM-ICP-F10 Datasheet
95Kb / 1P
ICP
ICP-F10WH ROHM-ICP-F10WH Datasheet
95Kb / 1P
ICP
ICP-F15 ROHM-ICP-F15 Datasheet
95Kb / 1P
ICP
More results


Similar Description - ICP2840

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2595-CP TRIQUINT-TGA2595-CP_15 Datasheet
497Kb / 13P
27.5 to 31 GHz, 8 W GaN Power Amplifier
TGA2595 TRIQUINT-TGA2595 Datasheet
701Kb / 13P
27.5 to 31GHz, 9W Power Amplifier
logo
Qorvo, Inc
QPA2211D QORVO-QPA2211D Datasheet
616Kb / 22P
27.5 ??31 GHz 14 Watt GaN Power Amplifier
QPA2211 QORVO-QPA2211 Datasheet
692Kb / 22P
27.5 ??31 GHz 10 W GaN Power Amplifier
TGA2594-HM QORVO-TGA2594-HM Datasheet
786Kb / 15P
27 ??31 GHz GaN Power Amplifier
TGA2595-CP QORVO-TGA2595-CP Datasheet
556Kb / 14P
27.5 ??31 GHz 8 W GaN Power Amplifier
logo
Microchip Technology
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
27.5 ??31 GHz 9W GaN PA MMIC
2021
logo
Qorvo, Inc
QPA2212D QORVO-QPA2212D Datasheet
628Kb / 22P
27.5 ??31 GHz 25 Watt GaN Power Amplifier
April 2020
logo
Microchip Technology
ICP1040P MICROCHIP-ICP1040P Datasheet
6Mb / 23P
7.9-11GHz 12W GaN PA MMIC
Rev E
ICP1240 MICROCHIP-ICP1240 Datasheet
937Kb / 17P
6-18GHz 10W GaN PA MMIC
Rev F
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com