Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICP1240 Datasheet (PDF) - Microchip Technology

ICP1240 Datasheet PDF - Microchip Technology
Part # ICP1240
Download  ICP1240 Download
File Size   937.84 Kbytes
Page   17 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 6-18GHz 10W GaN PA MMIC

ICP1240 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICP1240 Datasheet PDF - Microchip Technology

Part # ICP1240
Download  ICP1240 Click to download

File Size   937.84 Kbytes
Page   17 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 6-18GHz 10W GaN PA MMIC

ICP1240 Datasheet (HTML) - Microchip Technology


ICP1240 Product details

Description
ICONICRF’s ICP1240 is a 3 stage MMIC power amplifier in bare die form, fabricated using GaN on SiC technology. ICP1240 operates from 6-18GHz with 41 dBm output power, >18% PAE and 23dB typical small signal gain. ICP1240 is well suited to a variety of commercial, aerospace and defense applications.

Features
• Frequency Range: 6-18GHz
• Pout: 41 dBm @ 24dBm Pin
• Typical PAE: 22 %
• Small Signal Gain: 23dB
• Bias: VD=20V IDQ=1500mA, Typical VG=-1.6V
• Technology: GaN on SiC
• Lead-free and RoHS compliant
Die Size = 5.15 mm x 3.15 mm

Applications
• Test and Measurement
• Aerospace & Defense




Similar Part No. - ICP1240

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ICP1040-1-350I MICROCHIP-ICP1040-1-350I Datasheet
6Mb / 23P
7.9-11GHz 12W GaN PA MMIC
Rev E
ICP1040-2-501U MICROCHIP-ICP1040-2-501U Datasheet
6Mb / 23P
7.9-11GHz 12W GaN PA MMIC
Rev E
ICP1040P MICROCHIP-ICP1040P Datasheet
6Mb / 23P
7.9-11GHz 12W GaN PA MMIC
Rev E
ICP1543 MICROCHIP-ICP1543 Datasheet
1,020Kb / 20P
12-18GHz 20W GaN PA MMIC
Rev E
ICP1543-1-110I MICROCHIP-ICP1543-1-110I Datasheet
1,020Kb / 20P
12-18GHz 20W GaN PA MMIC
Rev E
More results


Similar Description - ICP1240

ManufacturerPart #DatasheetDescription
logo
Transcom, Inc.
TC1902 TRANSCOM-TC1902 Datasheet
271Kb / 4P
6 - 18 GHz 28dBm PA MMIC
logo
TriQuint Semiconductor
T1G6001032-SM TRIQUINT-T1G6001032-SM_15 Datasheet
1Mb / 13P
10W, 32V, DC 6 GHz, GaN RF Power Transistor
T2G6000528-Q3 TRIQUINT-T2G6000528-Q3_15 Datasheet
985Kb / 13P
10W, 28V DC 6 GHz, GaN RF Power Transistor
QPA1013D TRIQUINT-QPA1013D Datasheet
609Kb / 15P
6 ??18GHz 10W GaN Power Amplifier
TGA2963 TRIQUINT-TGA2963 Datasheet
682Kb / 15P
6 ??18GHz 20W GaN Power Amplifier
logo
Microchip Technology
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
27.5 ??31 GHz 9W GaN PA MMIC
2021
ICP0349P MICROCHIP-ICP0349P Datasheet
4Mb / 16P
2.7-3.5GHz 70W GaN PA MMIC
Rev B
ICP1040P MICROCHIP-ICP1040P Datasheet
6Mb / 23P
7.9-11GHz 12W GaN PA MMIC
Rev E
ICP1543 MICROCHIP-ICP1543 Datasheet
1,020Kb / 20P
12-18GHz 20W GaN PA MMIC
Rev E
ICP2840 MICROCHIP-ICP2840 Datasheet
787Kb / 21P
27.5 – 31 GHz 9W GaN PA MMIC
12/2021 Revision B
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com