Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICP1240 Datasheet(PDF) 2 Page - Microchip Technology

Part # ICP1240
Description  6-18GHz 10W GaN PA MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP1240 Datasheet(HTML) 2 Page - Microchip Technology

  ICP1240 Datasheet HTML 1Page - Microchip Technology ICP1240 Datasheet HTML 2Page - Microchip Technology ICP1240 Datasheet HTML 3Page - Microchip Technology ICP1240 Datasheet HTML 4Page - Microchip Technology ICP1240 Datasheet HTML 5Page - Microchip Technology ICP1240 Datasheet HTML 6Page - Microchip Technology ICP1240 Datasheet HTML 7Page - Microchip Technology ICP1240 Datasheet HTML 8Page - Microchip Technology ICP1240 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
6-18GHz 10W GaN PA MMIC
ICP1240
Engineering Datasheet Rev F
© 2023 Microchip Technology Inc.
and its subsidiaries
Page 2
Performance Data
Typical Small Signal Data | Test conditions unless otherwise stated V
D=24V, IDQ=280mA ,TA=25
oC, CW
Drain Voltage (VD)
30.0V
Gate Voltage Range (VG)
-5 to 0V
Gate Current (IG)
14mA
Drain Current (CW) TA=25ºC
6.0A
Power Dissipation (CW) TA=25ºC
Power Dissipation (CW) TA=85ºC
140W
110W
CW Input Power 50ohm, TA=25ºC
+29dBm
Channel Temperature
275°C
Storage Temperature
-65°C to +150°C
Input Power VSWR (2:1),
VD=20V, IDQ=280mA
VD=24V, IDQ=280mA
27dBm
Eutectic Die Attach Temperature
(30s)
320°C
Exceeding any one or combination of these limits may cause
permanent damage to this device.
ICONIC RF does not recommend sustained operation near
these survivability limits.
Absolute Maximum Ratings
Ordering Information
Part No.
ICP1240-1-110I
Bare die in Gel-Pack trays
ICP1240-1-501U
Evaluation Board with SMA connectors
Thermal and Reliability
Thermal Resistance
1.71ºC/W
Notes

Assumes silver sintered epoxy attach (15um thick)
mounted on CuMo carrier.

Base temperature is assumed at the top of the CuMo
carrier

Thermal resistance calculated using IR measurement of
the channel temperature.
-40
-35
-30
-25
-20
-15
-10
-5
0
2
4
6
8
10
12
14
16
18
20
22
Frequency (GHz)
Input Return Loss vs. Frequency
S11(dB) 25 Deg
S11(dB) -40 Deg
S11(dB) 85 Deg
-40
-35
-30
-25
-20
-15
-10
-5
0
2
4
6
8
10
12
14
16
18
20
22
Freq (GHz)
Output Return Loss vs. Frequency
S22(dB) 25 Deg
S22(dB) -40 Deg
S22(dB) 85 Deg
0
5
10
15
20
25
30
35
2
4
6
8
10
12
14
16
18
20
22
Frequency (GHz)
Gain vs. Frequency
S21(dB) 25 Deg
S21(dB) -40 Deg
S21(dB) 85 Deg
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
2
4
6
8
10
12
14
16
18
20
22
Frequency (GHz)
Reverse Isolation vs. Frequency
S12(dB) 25 Deg
S12(dB) -40 Deg
S12(dB) 85 Deg
Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com