Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICP1240 Datasheet(PDF) 13 Page - Microchip Technology

Part # ICP1240
Description  6-18GHz 10W GaN PA MMIC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP1240 Datasheet(HTML) 13 Page - Microchip Technology

Back Button ICP1240 Datasheet HTML 9Page - Microchip Technology ICP1240 Datasheet HTML 10Page - Microchip Technology ICP1240 Datasheet HTML 11Page - Microchip Technology ICP1240 Datasheet HTML 12Page - Microchip Technology ICP1240 Datasheet HTML 13Page - Microchip Technology ICP1240 Datasheet HTML 14Page - Microchip Technology ICP1240 Datasheet HTML 15Page - Microchip Technology ICP1240 Datasheet HTML 16Page - Microchip Technology ICP1240 Datasheet HTML 17Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
6-18GHz 10W GaN PA MMIC
ICP1240
Engineering Datasheet Rev F
© 2023 Microchip Technology Inc.
and its subsidiaries
Page 13
Assembly Drawing
Optimum RF power performance achieved by
minimizing output RF bond wire length.
Interconnect assembly Notes
•
Ball Bonding is preferred technique
•
Force, time and ultrasonic parameters are
critical.
•
Aluminum wire bonding is not recommended.
•
Bond Wire diameter of 1mil is recommended.
Die attach of component using adhesive
•
Vacuum collets are preferred method of pickup.
•
Pickup method must consider the avoidance of
die air bridges.
•
Die suitable for Eutectic and Epoxy die attach.
•
Where Epoxy is used, high thermal conductivity
Silver Sintered Epoxy is recommended:-
•
Namics H9889–1
•
Kyocera CT2700R7S
Die attach using Eutectic
•
Flux-less gold-tin (AuSn) (80% Au, 20% Sn with
a melting point of 280ºC) preform is preferred
between the die and attached surface.
•
Recommended preform should be
approximately 0.0012” thick.
•
Die bonder using heated collet with a
temperature of 310ºC and die scrubbing should
be used to ensure wetting and prevent
formation of voids.
•
Exposure to extreme temperature should be
kept to a minimum.
•
The optimum die attach environment is nitrogen
atmosphere.
Reflow Process
•
Maximum temperature 320ºC for 30 seconds.
•
Material matching for coefficient of thermal
expansion is crucial for long-term reliability
Assembly Guidance
Application Circuits
PCB Construction
Material
Dimensions
METAL1_TOP
Cu + ENIG
1oz Cu plated
Electroless Nickel 3-5µm
DIELECTRIC
RO4350C
10mils (254µm)
METAL2_BOTTOM
Cu + ENIG
1oz Cu plated
Electroless Nickel 3-5µm
Key Features
Dimensions
VIA Drill
0.3mm
VIA Plating Thickness
50-70um
50 Ohm Line Width
525um
PCB Fabrication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com