Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICP0349P Datasheet (PDF) - Microchip Technology

ICP0349P Datasheet PDF - Microchip Technology
Part # ICP0349P
Download  ICP0349P Download
File Size   4745.09 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.7-3.5GHz 70W GaN PA MMIC

ICP0349P Datasheet (PDF)

Go To PDF Page Download Datasheet
ICP0349P Datasheet PDF - Microchip Technology

Part # ICP0349P
Download  ICP0349P Click to download

File Size   4745.09 Kbytes
Page   16 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2.7-3.5GHz 70W GaN PA MMIC

ICP0349P Datasheet (HTML) - Microchip Technology


ICP0349P Product details

Description
ICONICRF’s ICP0349 is a 2 stage power amplifier, 50 ohm matched with integrated DC blocking capacitors packaged in a plastic QFN. Fabricated using a GaN on SiC process, ICP0349P operates from 2.7-3.5GHz with over 48dBm output power and 60% PAE. ICP0349 is well suited to both commercial and defense radar applications.

Features
• Frequency Range: 2.7-3.5GHz
• Pout: 48 dBm @ 24dBm Pin
• PAE: 60 %
• Small Signal Gain: 26.5dB
• Bias: VD=28V IDQ=200mA
• Technology: GaN on SiC
• Lead-free and RoHS compliant
• Package Dimensions: 7.0 x 7.0 x 0.85 mm




Similar Part No. - ICP0349P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ICP0444 MICROCHIP-ICP0444 Datasheet
1Mb / 24P
2-8GHz 30W GaN POWER AMPLIFIER
ICP0444-1-110I MICROCHIP-ICP0444-1-110I Datasheet
1Mb / 24P
2-8GHz 30W GaN POWER AMPLIFIER
More results


Similar Description - ICP0349P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA2735075D CREE-CMPA2735075D Datasheet
394Kb / 7P
75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 1.1
logo
Microchip Technology
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
27.5 ??31 GHz 9W GaN PA MMIC
2021
logo
WOLFSPEED, INC.
CMPA2735030D WOLFSPEED-CMPA2735030D Datasheet
468Kb / 9P
30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.0 June 2 019
CMPA2735030S WOLFSPEED-CMPA2735030S Datasheet
1Mb / 17P
30 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 0.3 January 2022
CMPA2735075D WOLFSPEED-CMPA2735075D Datasheet
386Kb / 9P
75 W, 2.7 - 3.5 GHz, GaN MMIC, Power Amplifier
Rev 3.2 April 2020
CMPA2738060F WOLFSPEED-CMPA2738060F Datasheet
2Mb / 22P
60 W, 2.7 - 3.8 GHz, GaN MMIC, Power Amplifier
Rev. 1.0, 2022-9-30
logo
Microchip Technology
ICP1040P MICROCHIP-ICP1040P Datasheet
6Mb / 23P
7.9-11GHz 12W GaN PA MMIC
Rev E
ICP1240 MICROCHIP-ICP1240 Datasheet
937Kb / 17P
6-18GHz 10W GaN PA MMIC
Rev F
ICP1543 MICROCHIP-ICP1543 Datasheet
1,020Kb / 20P
12-18GHz 20W GaN PA MMIC
Rev E
ICP2840 MICROCHIP-ICP2840 Datasheet
787Kb / 21P
27.5 – 31 GHz 9W GaN PA MMIC
12/2021 Revision B
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com