Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICP1543 Datasheet (PDF) - Microchip Technology

ICP1543 Datasheet PDF - Microchip Technology
Part # ICP1543
Download  ICP1543 Download
File Size   1020.53 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 12-18GHz 20W GaN PA MMIC

ICP1543 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICP1543 Datasheet PDF - Microchip Technology

Part # ICP1543
Download  ICP1543 Click to download

File Size   1020.53 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 12-18GHz 20W GaN PA MMIC

ICP1543 Datasheet (HTML) - Microchip Technology


ICP1543 Product details

Description
ICONICRF’s ICP1543 is a three stage MMIC power amplifier in bare die form, fabricated using GaN on SiC technology. ICP1543 operates from 12-18GHz with 43dBm output power, >30% PAE and 22dB small signal gain. ICP1543 is well suited to a variety of Test and Measurement and Aerospace & Defense applications.

Features
• Frequency Range: 12-18GHz
• Pout: 43 dBm @ 24dBm Pin
• PAE: >30 %
• Small Signal Gain: 22dB
• Bias: VD=24V IDQ=150mA
• Technology: GaN on SiC
• Lead-free and RoHS compliant
• Die Size = 3.75 mm x 3.45 mm

Applications
• Test and Measurement
• Aerospace & Defense




Similar Part No. - ICP1543

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ICP1040-1-350I MICROCHIP-ICP1040-1-350I Datasheet
6Mb / 23P
7.9-11GHz 12W GaN PA MMIC
Rev E
ICP1040-2-501U MICROCHIP-ICP1040-2-501U Datasheet
6Mb / 23P
7.9-11GHz 12W GaN PA MMIC
Rev E
ICP1040P MICROCHIP-ICP1040P Datasheet
6Mb / 23P
7.9-11GHz 12W GaN PA MMIC
Rev E
ICP1240 MICROCHIP-ICP1240 Datasheet
937Kb / 17P
6-18GHz 10W GaN PA MMIC
Rev F
ICP1240-1-110I MICROCHIP-ICP1240-1-110I Datasheet
937Kb / 17P
6-18GHz 10W GaN PA MMIC
Rev F
More results


Similar Description - ICP1543

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2963 TRIQUINT-TGA2963 Datasheet
682Kb / 15P
6 ??18GHz 20W GaN Power Amplifier
logo
RFHIC
GM09010035D RFHIC-GM09010035D Datasheet
586Kb / 5P
GaN MMIC
GM20022005D RFHIC-GM20022005D Datasheet
636Kb / 5P
GaN MMIC
GM20022010D RFHIC-GM20022010D Datasheet
658Kb / 5P
GaN MMIC
GM27030010D RFHIC-GM27030010D Datasheet
717Kb / 5P
GaN MMIC
logo
Microchip Technology
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
27.5 ??31 GHz 9W GaN PA MMIC
2021
ICP0349P MICROCHIP-ICP0349P Datasheet
4Mb / 16P
2.7-3.5GHz 70W GaN PA MMIC
Rev B
ICP1040P MICROCHIP-ICP1040P Datasheet
6Mb / 23P
7.9-11GHz 12W GaN PA MMIC
Rev E
ICP1240 MICROCHIP-ICP1240 Datasheet
937Kb / 17P
6-18GHz 10W GaN PA MMIC
Rev F
ICP2840 MICROCHIP-ICP2840 Datasheet
787Kb / 21P
27.5 – 31 GHz 9W GaN PA MMIC
12/2021 Revision B
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com