Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICP1040-2-501U Datasheet (PDF) - Microchip Technology

ICP1040-2-501U Datasheet PDF - Microchip Technology
Part # ICP1040-2-501U
Download  ICP1040-2-501U Download
File Size   6978.17 Kbytes
Page   23 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 7.9-11GHz 12W GaN PA MMIC

ICP1040-2-501U Datasheet (PDF)

Go To PDF Page Download Datasheet
ICP1040-2-501U Datasheet PDF - Microchip Technology

Part # ICP1040-2-501U
Download  ICP1040-2-501U Click to download

File Size   6978.17 Kbytes
Page   23 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 7.9-11GHz 12W GaN PA MMIC

ICP1040-2-501U Datasheet (HTML) - Microchip Technology


ICP1040-2-501U Product details

Description
ICONICRF’s ICP1040P is a 2 stage MMIC power amplifier in 6mm package, fabricated using GaN on SiC tech-nology. ICP1040P operates from 7.9-11GHz with 41dBm output power, 40% typical PAE and 22dB small sig-nal gain. ICP1040P is well suited to commercial and defense applications.

Features
• Frequency Range: 7.9 - 11GHz
• Pout: 40 dBm Pulsed (100uS,10%)
• PAE: 40%
• Small Signal Gain: 22 dB
• Bias: VD=24V IDQ=100mA
• Integrated Power Detector
• Technology: GaN on SiC
• Lead-free and RoHS compliant
• Package: 6mm x 6mm QFN

Applications
• Commercial Radar
• Satellite Communications
• Aerospace & Defense




Similar Part No. - ICP1040-2-501U

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ICP1240 MICROCHIP-ICP1240 Datasheet
937Kb / 17P
6-18GHz 10W GaN PA MMIC
Rev F
ICP1240-1-110I MICROCHIP-ICP1240-1-110I Datasheet
937Kb / 17P
6-18GHz 10W GaN PA MMIC
Rev F
ICP1240-1-501U MICROCHIP-ICP1240-1-501U Datasheet
937Kb / 17P
6-18GHz 10W GaN PA MMIC
Rev F
ICP1543 MICROCHIP-ICP1543 Datasheet
1,020Kb / 20P
12-18GHz 20W GaN PA MMIC
Rev E
ICP1543-1-110I MICROCHIP-ICP1543-1-110I Datasheet
1,020Kb / 20P
12-18GHz 20W GaN PA MMIC
Rev E
More results


Similar Description - ICP1040-2-501U

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2623 TRIQUINT-TGA2623_15 Datasheet
580Kb / 14P
10 to 11GHz 35W GaN Power Amplifier
TGA2625 TRIQUINT-TGA2625_15 Datasheet
615Kb / 14P
10 to 11GHz 20W GaN Power Amplifier
logo
Cree, Inc
CMPA801B030S CREE-CMPA801B030S Datasheet
4Mb / 17P
7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
logo
Qorvo, Inc
TGA2623 QORVO-TGA2623 Datasheet
580Kb / 14P
10 ??11GHz 35W GaN Power Amplifier
logo
Microchip Technology
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
27.5 ??31 GHz 9W GaN PA MMIC
2021
logo
WOLFSPEED, INC.
CMPA801B030S WOLFSPEED-CMPA801B030S Datasheet
4Mb / 17P
7.9 - 11.0 GHz, 40 W, Packaged GaN MMIC Power Amplifier
Rev. 1.0, 2022-12-15
logo
Microchip Technology
ICP0349P MICROCHIP-ICP0349P Datasheet
4Mb / 16P
2.7-3.5GHz 70W GaN PA MMIC
Rev B
ICP1240 MICROCHIP-ICP1240 Datasheet
937Kb / 17P
6-18GHz 10W GaN PA MMIC
Rev F
ICP1543 MICROCHIP-ICP1543 Datasheet
1,020Kb / 20P
12-18GHz 20W GaN PA MMIC
Rev E
ICP2840 MICROCHIP-ICP2840 Datasheet
787Kb / 21P
27.5 – 31 GHz 9W GaN PA MMIC
12/2021 Revision B
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com