Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICP2840 Datasheet(PDF) 2 Page - Microchip Technology

Part # ICP2840
Description  27.5 – 31 GHz 9W GaN PA MMIC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP2840 Datasheet(HTML) 2 Page - Microchip Technology

  ICP2840 Datasheet HTML 1Page - Microchip Technology ICP2840 Datasheet HTML 2Page - Microchip Technology ICP2840 Datasheet HTML 3Page - Microchip Technology ICP2840 Datasheet HTML 4Page - Microchip Technology ICP2840 Datasheet HTML 5Page - Microchip Technology ICP2840 Datasheet HTML 6Page - Microchip Technology ICP2840 Datasheet HTML 7Page - Microchip Technology ICP2840 Datasheet HTML 8Page - Microchip Technology ICP2840 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Table of Contents
Product Overview........................................................................................................................................... 1
1.
Electrical Specifications.......................................................................................................................... 3
1.1.
Typical Electrical Performance..................................................................................................... 3
1.2.
Absolute Maximum Ratings..........................................................................................................3
1.3.
Typical RF Performance...............................................................................................................4
2.
Die Specifications..................................................................................................................................12
3.
Application Circuits................................................................................................................................14
4.
Ordering, Shipping, and Handling......................................................................................................... 17
4.1.
Handling Recommendations...................................................................................................... 17
4.2.
Ordering Information.................................................................................................................. 17
5.
Revision History.................................................................................................................................... 18
The Microchip Website.................................................................................................................................19
Product Change Notification Service............................................................................................................19
Customer Support........................................................................................................................................ 19
Microchip Devices Code Protection Feature................................................................................................ 19
Legal Notice................................................................................................................................................. 19
Trademarks.................................................................................................................................................. 20
Quality Management System....................................................................................................................... 20
Worldwide Sales and Service.......................................................................................................................21
ICP2840
© 2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS-00004072B-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com