Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICP2840 Datasheet(PDF) 13 Page - Microchip Technology

Part # ICP2840
Description  27.5 – 31 GHz 9W GaN PA MMIC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP2840 Datasheet(HTML) 13 Page - Microchip Technology

Back Button ICP2840 Datasheet HTML 9Page - Microchip Technology ICP2840 Datasheet HTML 10Page - Microchip Technology ICP2840 Datasheet HTML 11Page - Microchip Technology ICP2840 Datasheet HTML 12Page - Microchip Technology ICP2840 Datasheet HTML 13Page - Microchip Technology ICP2840 Datasheet HTML 14Page - Microchip Technology ICP2840 Datasheet HTML 15Page - Microchip Technology ICP2840 Datasheet HTML 16Page - Microchip Technology ICP2840 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
...........continued
Pad No
Pad Size (µm)
Function
Description
12
85×85
VDET
Detector reference voltage
13
85×85
GND
Ground Pad
14
170×85
VD3S
Drain voltage, decoupling and bypass caps required
15
85×85
GND
Drain voltage, decoupling and bypass caps required
16
85×85
GND
Ground Pad
17
85×85
VG3S
Gate voltage, decoupling and bypass caps required
18
85×85
VG2S
Gate voltage, decoupling and bypass caps required
19
85×85
VG1S
Gate voltage, decoupling and bypass caps required
20
85×85
GND
Ground Pad
ICP2840
Die Specifications
© 2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS-00004072B-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com