Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICP2840 Datasheet(PDF) 4 Page - Microchip Technology

Part # ICP2840
Description  27.5 – 31 GHz 9W GaN PA MMIC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ICP2840 Datasheet(HTML) 4 Page - Microchip Technology

  ICP2840 Datasheet HTML 1Page - Microchip Technology ICP2840 Datasheet HTML 2Page - Microchip Technology ICP2840 Datasheet HTML 3Page - Microchip Technology ICP2840 Datasheet HTML 4Page - Microchip Technology ICP2840 Datasheet HTML 5Page - Microchip Technology ICP2840 Datasheet HTML 6Page - Microchip Technology ICP2840 Datasheet HTML 7Page - Microchip Technology ICP2840 Datasheet HTML 8Page - Microchip Technology ICP2840 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
...........continued
Parameters
Absolute Maximum
Gate current (IG)
6.0 mA
CW power dissipation (85 °C)
40W
CW input power—no instability (4:1 VSWR, VD = 20V, IDQ = 112 mA, 25 °C)
+25 dBm
CW input power—no damage (10:1 VSWR, VD = 20V, IDQ = 112 mA, 25 °C)
+25 dBm
Channel temperature
275 °C
Eutectic die attach temperature (30s)
320 °C
Storage temperature
–65 °C to +150 °C
Note:  Exceeding any one or combination of these limits may cause permanent damage to this device.
Microchip does not recommend sustained operation near these survivability limits.
1.3
Typical RF Performance
1.3.1
Typical Small Signal Performance
Test Conditions (unless otherwise stated): Temp = 25 °C, CW, VD = 24V, ID = 110 mA.
Figure 1-1. Gain vs. Temperature @ 20V/110mA
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35
Frequency (GHz)
T=25C
T=-40C
T=85C
Figure 1-2. Gain vs. Temperature @ 24V/110mA
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35
Frequency (GHz)
T=25C
T=-40C
T=85C
ICP2840
Electrical Specifications
© 2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS-00004072B-page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com