Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHA1000 Datasheet (PDF) - RF Micro Devices

RFHA1000 Datasheet PDF - RF Micro Devices
Part # RFHA1000
Download  RFHA1000 Download
File Size   906.52 Kbytes
Page   11 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 50MHz TO 1000MHz, 15W GaN WIDEBAND

RFHA1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFHA1000 Datasheet PDF - RF Micro Devices

Part # RFHA1000
Download  RFHA1000 Click to download

File Size   906.52 Kbytes
Page   11 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 50MHz TO 1000MHz, 15W GaN WIDEBAND

RFHA1000 Datasheet (HTML) - RF Micro Devices


RFHA1000 Product details

Product Description
The RFHA1000 is a wideband Power Amplifier designed for CW and pulsed applications such as wireless infrastructure, RADAR, two way radios and general purpose amplification. Using an advanced high power density Gallium Nitride (GaN) semiconductor process, these high-performance amplifiers achieve high efficiency, flat gain, and large instantaneous bandwidth in a single amplifier design. The RFHA1000 is an input matched GaN transistor packaged in an air cavity ceramic package which provides excellent thermal stability through the use of advanced heat sink and power dissipation technologies. Ease of integration is accomplished through the incorporation of optimized input matching network within the package that provides wideband gain and power performance in a single amplifier. An external output match offers the flexibility of further optimizing power and efficiency for any sub-band within the overall bandwidth.

Features
■ Advanced GaN HEMT Technology
■ Output Power of 15W
■ Advanced Heat-Sink Technology
■ 50MHz to 1000MHz Instantaneous Bandwidth
■ Input Internally Matched to 50
■ 28V Operation Typical Performance
■ Output Power 41.5dBm
■ Gain 17dB
■ Power Added Efficiency 60%
■ -40°C to 85°C Operating Temperature
■ Large Signal Models Available

Applications
■ Class AB Operation for Public Mobile Radio
■ Power Amplifier Stage for Commercial Wireless Infrastructure
■ General Purpose Tx Amplification
■ Test Instrumentation
■ Civilian and Military Radar




Similar Part No. - RFHA1000

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1003 RFMD-RFHA1003 Datasheet
1Mb / 11P
30MHz TO 512MHz, 9W GaN WIDEBAND
RFHA1003PCBA-410 RFMD-RFHA1003PCBA-410 Datasheet
1Mb / 11P
30MHz TO 512MHz, 9W GaN WIDEBAND
RFHA1003S2 RFMD-RFHA1003S2 Datasheet
1Mb / 11P
30MHz TO 512MHz, 9W GaN WIDEBAND
RFHA1003SB RFMD-RFHA1003SB Datasheet
1Mb / 11P
30MHz TO 512MHz, 9W GaN WIDEBAND
RFHA1003SQ RFMD-RFHA1003SQ Datasheet
1Mb / 11P
30MHz TO 512MHz, 9W GaN WIDEBAND
More results


Similar Description - RFHA1000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2014 MAXIM-MAX2014 Datasheet
277Kb / 10P
50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 0; 6/06
logo
RF Micro Devices
CGA-7718Z RFMD-CGA-7718Z Datasheet
440Kb / 8P
PUSH-PULL 50MHz to 1000MHz HIGH LINEARITY InGaP HBT AMPLIFIER
logo
Maxim Integrated Produc...
MAX2064 MAXIM-MAX2064 Datasheet
3Mb / 20P
Dual 50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 12/10
MAX2014_V1 MAXIM-MAX2014_V1 Datasheet
304Kb / 12P
50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 1; 2/12
logo
RF Micro Devices
CXE-2022Z RFMD-CXE-2022Z Datasheet
395Kb / 6P
50MHz to 1000MHz MMIC 75A LOW NOISE AMPLIFIER
D10040200PH1 RFMD-D10040200PH1 Datasheet
265Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
D10040230PL1 RFMD-D10040230PL1 Datasheet
266Kb / 3P
GaAs/GaN Power Doubler Hybrid 45MHz to 1000MHz
RFGA0014 RFMD-RFGA0014 Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
RFGA0024 RFMD-RFGA0024 Datasheet
491Kb / 7P
InGaP HBT MMIC Amplifier 50MHz TO 1000MHz
logo
Maxim Integrated Produc...
MAX2067 MAXIM-MAX2067 Datasheet
299Kb / 23P
50MHz to 1000MHz High-Linearity, Serial/Analog-Controlled VGA
Rev 0; 4/08
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com