Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS150 Datasheet(PDF) 2 Page - ABB

Part # ACS150
Description  ABB micro drives ACS150 0.37 to 4 kW/0.5 to 5 hp Catalog
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

ACS150 Datasheet(HTML) 2 Page - ABB

  ACS150 Datasheet HTML 1Page - ABB ACS150 Datasheet HTML 2Page - ABB ACS150 Datasheet HTML 3Page - ABB ACS150 Datasheet HTML 4Page - ABB ACS150 Datasheet HTML 5Page - ABB ACS150 Datasheet HTML 6Page - ABB ACS150 Datasheet HTML 7Page - ABB ACS150 Datasheet HTML 8Page - ABB ACS150 Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2 ABB micro drives ACS150 | Catalog
Introduction to ACS150
ABB micro drives
ABB micro drives are designed to be incorporated into a wide
variety of machines such as mixers, conveyors, fans or pumps
or anywhere where a fixed speed motor needs to go variable
speed motor.
The ABB micro drives meet the requirements of OEMs,
machinery builders and panel builders. These drives are
widely available through the ABB distribution network. The
drives are easy to select and provide a range of built-in
features as standard including PID control, brake chopper,
fixed keypad and speed control potentiometer.
Feature
Advantage
Benefit
Worldwide availability and service
Drives are available worldwide and permanently stocked in four
regions.
Dedicated global service and support network that is one of the
widest in the industry.
Fast and reliable delivery with dedicated
support to any country in the world.
User-friendly LCD control panel and
integrated potentiometer
Clear alphanumeric display. Easy setup and use.
Time savings due to quick setup and simple
configuration.
Flexible mounting alternatives
Screw or DIN rail mounting, sideways or side-by-side.
One drive type can be used in various
designs, saving installation costs and time.
Integrated EMC filter
High electromagnetic compatibility.
Low EMC emissions in selected environments.
Built-in brake chopper as standard
No need for an external brake chopper.
Space savings, reduced installation cost.
FlashDrop tool
Faster and easier drive setup and commissioning for volume
manufacturing and maintenance. The FlashDrop tool enables
both downloading and uploading drive parameters.
Fast, safe and trouble-free parameter setting
without the need to power-up the drive.
Patented.
PID control
Varies the drive’s performance according to the need of the
application.
Enhances production output, stability and
accuracy.
Coated boards
Board coating protects the electronics from hazards including
static discharge and airborne contaminates, including moisture.
Reduces maintenance due to good protection
of electronics components.
Highlights
– Worldwide availability through logistical distributors
– User-friendly LCD control panel and integrated
potentiometer
– Flexible mounting alternatives
– PID control
– Integrated EMC filter
– Built-in brake chopper
– FlashDrop tool for fast drive commissioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com