Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS157K Datasheet (PDF) - Intersil Corporation

ACS157K Datasheet PDF - Intersil Corporation
Part # ACS157K
Download  ACS157K Download
File Size   48.25 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad 2-Input Non-Inverting Multiplexer

ACS157K Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS157K Datasheet PDF - Intersil Corporation

Part # ACS157K
Download  ACS157K Click to download

File Size   48.25 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Quad 2-Input Non-Inverting Multiplexer

ACS157K Datasheet (HTML) - Intersil Corporation


ACS157K Product details

Description
The Radiation Hardened ACS157MS is a Quad 2-Channel
Non-Inverting Multiplexer which selects four bits of data from
one of two sources under the control of a single Select pin.
The Output Enable input is active LOW and controls all outputs. When E is set HIGH, all outputs are forced LOW,
regardless of all other input conditions. All inputs are buffered and the outputs are designed for balanced propagation
delay and transition times.
The ACS157MS is fabricated on a CMOS Silicon on Sapphire (SOS) process, which provides an immunity to Single
Event Latch-up and the capability of highly reliable performance in any radiation environment. These devices offer
significant power reduction and faster performance when
compared to ALSTTL types.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed below must be used when ordering.
Detailed Electrical Specifications for the ACS157 are
contained in SMD 5962-98536. A “hot-link” is provided
on our homepage with instructions for downloading.
http://www.intersil.com/data/sm/index.htm

Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25Micron Radiation Hardened SOS CMOS
• Radiation Environment
- Latch-up Free Under any Conditions
- Total Dose . . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
- SEU Immunity . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day
- SEU LET Threshold . . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels . . . VIL = (0.3)(Vcc), VIH = (0.7)(Vcc)
• Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±12mA
• Quiescent Supply Current. . . . . . . . . . . . . . . . . . . .20µA
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . . . . . . 14ns

Applications
• 4-Bit Source Selection
• Data Routing
• High Frequency Switching




Similar Part No. - ACS157K

ManufacturerPart #DatasheetDescription
logo
ABB
ACS150 ABB-ACS150 Datasheet
13Mb / 16P
G et the best out of your basic applications. ACS150 drives.
ACS150 ABB-ACS150 Datasheet
291Kb / 12P
ABB micro drives ACS150 0.37 to 4 kW/0.5 to 5 hp Catalog
24.10.2012
ACS150-01E-06A7-2 ABB-ACS150-01E-06A7-2 Datasheet
291Kb / 12P
ABB micro drives ACS150 0.37 to 4 kW/0.5 to 5 hp Catalog
24.10.2012
ACS150-01X-02A4-2 ABB-ACS150-01X-02A4-2 Datasheet
13Mb / 16P
G et the best out of your basic applications. ACS150 drives.
ACS150-01X-02A4-2 ABB-ACS150-01X-02A4-2 Datasheet
291Kb / 12P
ABB micro drives ACS150 0.37 to 4 kW/0.5 to 5 hp Catalog
24.10.2012
More results


Similar Description - ACS157K

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10158 ONSEMI-MC10158 Datasheet
107Kb / 4P
Quad 2-Input Multiplexer(Non-Inverting)
1996 REV 5
MC10159 ONSEMI-MC10159 Datasheet
109Kb / 4P
Quad 2-Input Multiplexer(Inverting)
1996 REV 5
MC10H158 ONSEMI-MC10H158 Datasheet
103Kb / 4P
Quad 2-Input Multiplexer(Non-Inverting)
REV 5
logo
Intersil Corporation
CD54AC157 INTERSIL-CD54AC157 Datasheet
8Kb / 1P
Quad 2-Input Multiplexer Non-Inverting
June 1997
CD54AC257 INTERSIL-CD54AC257 Datasheet
10Kb / 1P
Quad 2-Input Multiplexer Three-State, Non-Inverting
June 1997
logo
ON Semiconductor
MC10158 ONSEMI-MC10158_02 Datasheet
88Kb / 4P
Quad 2-Input Multiplexer (Non-Inverting)
January, 2002 ??Rev. 7
logo
Intersil Corporation
ISL7457SRH INTERSIL-ISL7457SRH Datasheet
388Kb / 12P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
March 16, 2009
ISL74422ARH INTERSIL-ISL74422ARH Datasheet
132Kb / 3P
Radiation Hardened 9A, Non-Inverting Power Radiation Hardened 9A, Non-Inverting Power
April 1, 2010
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 16, 2011
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com