Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS21MS Datasheet (PDF) - Intersil Corporation

ACS21MS Datasheet PDF - Intersil Corporation
Part # ACS21MS
Download  ACS21MS Download
File Size   38.41 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual 4-Input AND Gate

ACS21MS Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS21MS Datasheet PDF - Intersil Corporation

Part # ACS21MS
Download  ACS21MS Click to download

File Size   38.41 Kbytes
Page   2 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual 4-Input AND Gate

ACS21MS Datasheet (HTML) - Intersil Corporation


ACS21MS Product details

The Radiation Hardened ACS21MS is a Dual 4-Input AND Gate. For each gate, a HIGH level on all inputs results in a HIGH level on the Y output. A LOW level on any input results in a LOW level on the Y output. All inputs are buffered and the outputs are designed for balanced propagation delay and transition times.

Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25 Micron Radiation Hardened SOS CMOS
• Radiation Environment
    - Latch-Up Free Under Any Conditions
    - Total Dose (Max.) . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
    - SEU Immunity. . . . . . . . . . . . . <1 x 10-10 Errors/Bit/Day
    - SEU LET Threshold . . . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels. . . . VIL = (0.3)(VCC), VIH = (0.7)(VCC)
• Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . ±12mA (Min)
• Quiescent Supply Current . . . . . . . . . . . . . . . 5.0µA (Max)
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . .15ns (Max)

Applications
• High Speed Control Circuits
• Sensor Monitoring
• Low Power Designs




Similar Part No. - ACS21MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS21D INTERSIL-ACS21D Datasheet
38Kb / 2P
Radiation Hardened 8-Input NAND Gate
July 1999
ACS21K INTERSIL-ACS21K Datasheet
38Kb / 2P
Radiation Hardened 8-Input NAND Gate
July 1999
More results


Similar Description - ACS21MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS20MS INTERSIL-ACS20MS Datasheet
85Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
ACTS20MS INTERSIL-ACTS20MS Datasheet
10Kb / 1P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
CTS20MS INTERSIL-CTS20MS Datasheet
132Kb / 9P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCS20MS INTERSIL-HCS20MS Datasheet
179Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCS21MS INTERSIL-HCS21MS Datasheet
184Kb / 8P
Radiation Hardened Dual 4-Input AND Gate
September 1995
HCTS21MS INTERSIL-HCTS21MS Datasheet
148Kb / 9P
Radiation Hardened Dual 4-Input AND Gate
October 1995
HCTS4002MS INTERSIL-HCTS4002MS Datasheet
125Kb / 9P
Radiation Hardened Dual 4-Input NOR Gate
August 1995
HCTS20MS INTERSIL-HCTS20MS Datasheet
224Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCS21MS RENESAS-HCS21MS Datasheet
393Kb / 8P
Radiation Hardened Dual 4-Input AND Gate
September 1995
HCTS20MS RENESAS-HCTS20MS Datasheet
378Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com