Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS20MS Datasheet (PDF) - Intersil Corporation

CTS20MS Datasheet PDF - Intersil Corporation
Part # CTS20MS
Download  CTS20MS Download
File Size   132.27 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual 4-Input NAND Gate

CTS20MS Datasheet (PDF)

Go To PDF Page Download Datasheet
CTS20MS Datasheet PDF - Intersil Corporation

Part # CTS20MS
Download  CTS20MS Click to download

File Size   132.27 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual 4-Input NAND Gate

CTS20MS Datasheet (HTML) - Intersil Corporation


CTS20MS Product details

Description
The Intersil HCTS20MS is a Radiation Hardened Dual 4-Input
NAND Gate. A low on any input forces the output to a High state.
The HCTS20MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of radiation hardened, high-speed, CMOS/SOS Logic Family.
The HCTS20MS is supplied in a 14 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).

Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day
(Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
- VIL = 0.8V Max
- VIH = VCC/2 Min
• Input Current Levels Ii ≤ 5µA at VOL, VOH




Similar Part No. - CTS20MS

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CTS2030N3-HF COMCHIP-CTS2030N3-HF Datasheet
511Kb / 5P
General Purpose Transistor
REV:B
CTS2098LN3-HF COMCHIP-CTS2098LN3-HF Datasheet
511Kb / 5P
General Purpose Transistor
REV:B
More results


Similar Description - CTS20MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS10MS INTERSIL-ACS10MS Datasheet
106Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACS20MS INTERSIL-ACS20MS Datasheet
85Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
ACS30MS INTERSIL-ACS30MS Datasheet
38Kb / 2P
Radiation Hardened 8-Input NAND Gate
July 1999
ACTS20MS INTERSIL-ACTS20MS Datasheet
10Kb / 1P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
HCS20MS INTERSIL-HCS20MS Datasheet
179Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCTS30MS INTERSIL-HCTS30MS Datasheet
134Kb / 10P
Radiation Hardened 8-Input NAND Gate
August 1995
HCTS20MS INTERSIL-HCTS20MS Datasheet
224Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCTS00MS RENESAS-HCTS00MS Datasheet
640Kb / 8P
Radiation Hardened Quad2-Input NAND Gate
August 1995
HCTS20MS RENESAS-HCTS20MS Datasheet
378Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCTS30MS RENESAS-HCTS30MS Datasheet
391Kb / 9P
Radiation Hardened 8-Input NAND Gate
August 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com