Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTS20MS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CTS20MS
Description  Radiation Hardened Dual 4-Input NAND Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CTS20MS Datasheet(HTML) 1 Page - Intersil Corporation

  CTS20MS Datasheet HTML 1Page - Intersil Corporation CTS20MS Datasheet HTML 2Page - Intersil Corporation CTS20MS Datasheet HTML 3Page - Intersil Corporation CTS20MS Datasheet HTML 4Page - Intersil Corporation CTS20MS Datasheet HTML 5Page - Intersil Corporation CTS20MS Datasheet HTML 6Page - Intersil Corporation CTS20MS Datasheet HTML 7Page - Intersil Corporation CTS20MS Datasheet HTML 8Page - Intersil Corporation CTS20MS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
420
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
HCTS20MS
Radiation Hardened
Dual 4-Input NAND Gate
Pinouts
14 LEAD CERAMIC DUAL-IN-LINE METAL SEAL
PACKAGE (SBDIP) MIL-STD-183S CDIP2-T14
TOP VIEW
14 LEAD CERAMIC METAL SEAL FLATPACK PACKAGE
(FLATPACK) MIL-STD-183S CDFP3-F14
TOP VIEW
Functional Diagram
TRUTH TABLE
INPUTS
OUTPUTS
An
Bn
Cn
Dn
Yn
L
XXX
H
XLX
X
H
XX
L
X
H
XXX
L
H
HHHH
L
NOTE: L = Logic Level Low, H = Logic level High, X = Don’t Care
A1
B1
NC
C1
D1
Y1
GND
VCC
D2
C2
NC
B2
A2
Y2
1
2
3
4
5
6
7
14
13
12
11
10
9
8
14
13
12
11
10
9
8
2
3
4
5
6
7
1
A1
B1
NC
C1
D1
Y1
GND
VCC
D2
C2
NC
B2
A2
Y2
An
Bn
Yn
Cn
Dn
Features
• 3 Micron Radiation Hardened SOS CMOS
• Total Dose 200K RAD (Si)
• SEP Effective LET No Upsets: >100 MEV-cm2/mg
• Single Event Upset (SEU) Immunity < 2 x 10-9 Errors/Bit-Day
(Typ)
• Dose Rate Survivability: >1 x 1012 RAD (Si)/s
• Dose Rate Upset >1010 RAD (Si)/s 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range: -55oC to +125oC
• Significant Power Reduction Compared to LSTTL ICs
• DC Operating Voltage Range: 4.5V to 5.5V
• LSTTL Input Compatibility
- VIL = 0.8V Max
- VIH = VCC/2 Min
• Input Current Levels Ii
≤ 5µA at VOL, VOH
Description
The Intersil HCTS20MS is a Radiation Hardened Dual 4-Input
NAND Gate. A low on any input forces the output to a High state.
The HCTS20MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of radia-
tion hardened, high-speed, CMOS/SOS Logic Family.
The HCTS20MS is supplied in a 14 lead Ceramic flatpack
(K suffix) or a SBDIP Package (D suffix).
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
SCREENING
LEVEL
PACKAGE
HCTS20DMSR
-55oC to +125oC
Intersil Class
S Equivalent
14 Lead SBDIP
HCTS20KMSR
-55oC to +125oC
Intersil Class
S Equivalent
14 Lead Ceramic
Flatpack
HCTS20D/
Sample
+25oC
Sample
14 Lead SBDIP
HCTS20K/
Sample
+25oC
Sample
14 Lead Ceramic
Flatpack
HCTS20HMSR
+25oC
Die
Die
September 1995
Spec Number
518619
File Number
3051.1


Similar Part No. - CTS20MS

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CTS2030N3-HF COMCHIP-CTS2030N3-HF Datasheet
511Kb / 5P
General Purpose Transistor
REV:B
CTS2098LN3-HF COMCHIP-CTS2098LN3-HF Datasheet
511Kb / 5P
General Purpose Transistor
REV:B
More results

Similar Description - CTS20MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS10MS INTERSIL-ACS10MS Datasheet
106Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACS20MS INTERSIL-ACS20MS Datasheet
85Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
ACS30MS INTERSIL-ACS30MS Datasheet
38Kb / 2P
Radiation Hardened 8-Input NAND Gate
July 1999
ACTS20MS INTERSIL-ACTS20MS Datasheet
10Kb / 1P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
HCS20MS INTERSIL-HCS20MS Datasheet
179Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCTS30MS INTERSIL-HCTS30MS Datasheet
134Kb / 10P
Radiation Hardened 8-Input NAND Gate
August 1995
HCTS20MS INTERSIL-HCTS20MS Datasheet
224Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCTS00MS RENESAS-HCTS00MS Datasheet
640Kb / 8P
Radiation Hardened Quad2-Input NAND Gate
August 1995
HCTS20MS RENESAS-HCTS20MS Datasheet
378Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCTS30MS RENESAS-HCTS30MS Datasheet
391Kb / 9P
Radiation Hardened 8-Input NAND Gate
August 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com