Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS20D Datasheet (PDF) - Intersil Corporation

ACS20D Datasheet PDF - Intersil Corporation
Part # ACS20D
Download  ACS20D Download
File Size   85.55 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual 4-Input NAND Gate

ACS20D Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS20D Datasheet PDF - Intersil Corporation

Part # ACS20D
Download  ACS20D Click to download

File Size   85.55 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened Dual 4-Input NAND Gate

ACS20D Datasheet (HTML) - Intersil Corporation


ACS20D Product details

Description

The Intersil ACS20MS is a radiation hardened dual 4-input NAND gate. A low on any input forces the output to a high logic state.The ACS20MS utilizes advanced CMOS/SOS technology to achieve high-speed operation. This device is a member of the radiation hardened, high-speed, CMOS/SOS Logic Family.



Features

• 1.25 Micron Radiation Hardened SOS CMOS

• Total Dose 300K RAD (Si)

• Single Event Upset (SEU) Immunity

   <1 x 10-10 Errors/Bit-Day (Typ)

• SEU LET Threshold >80 MEV-cm2/mg

• Dose Rate Upset >1011 RAD (Si)/s, 20ns Pulse

• Latch-Up Free Under Any Conditions

• Military Temperature Range: -55oC to +125oC

• Significant Power Reduction Compared to ALSTTL Logic

• DC Operating Voltage Range: 4.5V to 5.5V

• Input Logic Levels

   - VIL = 30% of VCC Max

   - VIH = 70% of VCC Min

• Input Current ≤1µA at VOL, VOH




Similar Part No. - ACS20D

ManufacturerPart #DatasheetDescription
logo
AEROTECH US. ALL RIGHTS...
ACS200LP AEROTECH-ACS200LP Datasheet
724Kb / 7P
Direct-Drive Rotary Collet Stage
More results


Similar Description - ACS20D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS10MS INTERSIL-ACS10MS Datasheet
106Kb / 8P
Radiation Hardened Triple Three-Input NAND Gate
April 1995
ACS30MS INTERSIL-ACS30MS Datasheet
38Kb / 2P
Radiation Hardened 8-Input NAND Gate
July 1999
ACTS20MS INTERSIL-ACTS20MS Datasheet
10Kb / 1P
Radiation Hardened Dual 4-Input NAND Gate
April 1995
CTS20MS INTERSIL-CTS20MS Datasheet
132Kb / 9P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCS20MS INTERSIL-HCS20MS Datasheet
179Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCTS30MS INTERSIL-HCTS30MS Datasheet
134Kb / 10P
Radiation Hardened 8-Input NAND Gate
August 1995
HCTS20MS INTERSIL-HCTS20MS Datasheet
224Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
logo
Renesas Technology Corp
HCTS00MS RENESAS-HCTS00MS Datasheet
640Kb / 8P
Radiation Hardened Quad2-Input NAND Gate
August 1995
HCTS20MS RENESAS-HCTS20MS Datasheet
378Kb / 8P
Radiation Hardened Dual 4-Input NAND Gate
September 1995
HCTS30MS RENESAS-HCTS30MS Datasheet
391Kb / 9P
Radiation Hardened 8-Input NAND Gate
August 1995
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com